Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7402M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE7402M
Description  N-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7402M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE7402M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE7402M
N-Channel 30-V MOSFET
VER 1.1
3
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate Source Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1
V
Gate Body Leakage
IGSS
VDS=0V, VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=24V, VGS=0V
1
uA
VDS=24V, VGS=0V, TJ=55℃
25
On-State Drain-Current
a
ID(on)
VDS=5V, VGS=10V
30
A
Static Drain-Source On-Resistance
a
rDS(ON)
VGS=10V,ID=15A
8.5
m
Ω
VGS=4.5V,ID=12.4A
16
Forward Transconductance
a
gfS
VDS=15V,ID=15A
15
S
Diode Forward Voltage
a
VSD
IS=3.2A ,VGS=0V
0.79
V
Dynamic
b
Total Gate Charge
Qg
VDS=15V, VGS=4.5V,
ID=15A
10
nC
Gate-Source Charge
Qgs
5.3
Gate-Drain Charge
Qgd
3.8
Turn-On Delay Time
td(on)
VDS=15V, ,RL=15
Ω
ID=15A ,VGEN=10V
RGEN=6
Ω,
6
ns
Rise Time
tf
6
Turn-Off Delay Time
td(off)
28
Fall Time
tf
8
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
1379
pF
Output Capacitance
Coss
156
Reverse Transfer Capacitance
Crss
116
Note:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing
.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com