Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7402M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7402M
Description  N-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7402M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7402M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7402M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE7402M
N-Channel 30-V MOSFET
VER 1.1
1
Description
The ACE7402M uses advanced trench technology to provide excellent RDS(ON), low gate charge. This
device is suitable for use as a high side switch in SMPS and general purpose applications.
Features
Low r
DS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
a
TA=25
OC
ID
20
A
TA=70
OC
16
Pulse Drain Current
b
IDM
50
Continuous Drain Current (Diode Continuous)
a
IS
6.4
A
Power Dissipation
a
TA=25
OC
PD
5
W
TA=70
OC
3.2
Operating Junction and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t≦10sec
RθJA
25
℃/W
Steady State
65
℃/W
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE7402M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7402A ACE-ACE7402A Datasheet
445Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE7402M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
N-Channel 30-V MOSFET
14-Apr-03
logo
ACE Technology Co., LTD...
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
N-Channel 30-V MOSFET
VER 1.1
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_17 Datasheet
164Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
30 V, N-channel MOSFET
26 April 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com