Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT8888CS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8888CS
Description  Integrated DTMFTransceiver with Intel Micro Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8888CS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8888CS Datasheet HTML 8Page - Mitel Networks Corporation MT8888CS Datasheet HTML 9Page - Mitel Networks Corporation MT8888CS Datasheet HTML 10Page - Mitel Networks Corporation MT8888CS Datasheet HTML 11Page - Mitel Networks Corporation MT8888CS Datasheet HTML 12Page - Mitel Networks Corporation MT8888CS Datasheet HTML 13Page - Mitel Networks Corporation MT8888CS Datasheet HTML 14Page - Mitel Networks Corporation MT8888CS Datasheet HTML 15Page - Mitel Networks Corporation MT8888CS Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MT8888C/MT8888C-1
4-103
‡ Typical figures are at 25°C and for design aid only: not guaranteed and not subject to production testing.
† Characteristics are over recommended temperature and at VDD=5V, using the test circuit shown in Figure 13.
† Characteristics are over recommended operating conditions (unless otherwise stated) using the test circuit shown in Figure 13.
† Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25°C, VDD = 5V, and for design aid only: not guaranteed and not subject to production testing.
* *See “Notes” following AC Electrical Characteristics Tables.
Electrical Characteristics
Gain Setting Amplifier - Voltages are with respect to ground (V
SS) unless otherwise stated, VSS= 0V, VDD=5V, TO=25°C.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input leakage current
IIN
±100
nA
VSS ≤ VIN ≤ VDD
2
Input resistance
RIN
10
M
Ω
3
Input offset voltage
VOS
25
mV
4
Power supply rejection
PSRR
60
dB
1 kHz
5
Common mode rejection
CMRR
60
dB
0.75
≤ V
IN ≤ 4.25V
6
DC open loop voltage gain
AVOL
65
dB
7
Unity gain bandwidth
BW
1.5
MHz
8
Output voltage swing
VO
4.5
Vpp
RL ≥ 100 kΩ to VSS
9
Allowable capacitive load (GS)
CL
100
pF
10
Allowable resistive load (GS)
RL
50
k
Ω
11
Common mode range
VCM
3.0
Vpp
No Load
MT8888C-1 AC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Notes*
1
R
X
Valid input signal levels
(each tone of composite
signal)
-31
+1
dBm
1,2,3,5,6
21.8
869
mVRMS
1,2,3,5,6
2
Input Signal Level Reject
-37
dBm
1,2,3,5,6
10.9
mVRMS
1,2,3,5,6
MT8888C AC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Notes*
1
R
X
Valid input signal levels
(each tone of composite
signal)
-29
+1
dBm
1,2,3,5,6
27.5
869
mVRMS
1,2,3,5,6
AC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated. fC=3.579545 MHz
Characteristics
Sym
Min
Typ‡
Max
Units
Notes*
1
R
X
Positive twist accept
8
dB
2,3,6,9
2
Negative twist accept
8
dB
2,3,6,9
3
Freq. deviation accept
±1.5%± 2Hz
2,3,5
4
Freq. deviation reject
±3.5%
2,3,5
5
Third tone tolerance
-16
dB
2,3,4,5,9,10
6
Noise tolerance
-12
dB
2,3,4,5,7,9,10
7
Dial tone tolerance
22
dB
2,3,4,5,8,9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com