Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT8888CS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8888CS
Description  Integrated DTMFTransceiver with Intel Micro Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8888CS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8888CS Datasheet HTML 1Page - Mitel Networks Corporation MT8888CS Datasheet HTML 2Page - Mitel Networks Corporation MT8888CS Datasheet HTML 3Page - Mitel Networks Corporation MT8888CS Datasheet HTML 4Page - Mitel Networks Corporation MT8888CS Datasheet HTML 5Page - Mitel Networks Corporation MT8888CS Datasheet HTML 6Page - Mitel Networks Corporation MT8888CS Datasheet HTML 7Page - Mitel Networks Corporation MT8888CS Datasheet HTML 8Page - Mitel Networks Corporation MT8888CS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MT8888C/MT8888C-1
4-92
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
20
24
11
IN+
Non-inverting op-amp input.
22
IN-
Inverting op-amp input.
33
GS
Gain Select. Gives access to output of front end differential amplifier for connection of
feedback resistor.
44
VRef
Reference Voltage output (VDD/2).
55
VSS
Ground (0V).
66
OSC1 Oscillator input. This pin can also be driven directly by an external clock.
77
OSC2 Oscillator output. A 3.579545 MHz crystal connected between OSC1 and OSC2 completes
the internal oscillator circuit. Leave open circuit when OSC1 is driven externally.
8
10
TONE Output from internal DTMF transmitter.
911
WR
Write microprocessor input. TTL compatible.
10
12
CS
Chip Select input. Active Low. This signal must be qualified externally by address latch
enable (ALE) signal, see Figure 12.
11
13
RS0
Register Select input. Refer to Table 3 for bit interpretation. TTL compatible.
12
14
RD
Read microprocessor input. TTL compatible.
13
15
IRQ/
CP
Interrupt Request/Call Progress (open drain) output. In interrupt mode, this output goes
low when a valid DTMF tone burst has been transmitted or received. In call progress mode,
this pin will output a rectangular signal representative of the input signal applied at the input
op-amp. The input signal must be within the bandwidth limits of the call progress filter, see
Figure 8.
14-
17
18-
21
D0-D3 Microprocessor Data Bus. High impedance when CS = 1 or RD = 1.
TTL compatible.
18
22
ESt
Early Steering output. Presents a logic high once the digital algorithm has detected a valid
tone pair (signal condition). Any momentary loss of signal condition will cause ESt to return
to a logic low.
19
23
St/GT Steering Input/Guard Time output (bidirectional). A voltage greater than VTSt detected at St
causes the device to register the detected tone pair and update the output latch. A voltage
less than VTSt frees the device to accept a new tone pair. The GT output acts to reset the
external steering time-constant; its state is a function of ESt and the voltage on St.
20
24
VDD
Positive power supply (5V typ.).
8,9
16,17
NC
No Connection.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
TONE
R/W
CS
VDD
St/GT
ESt
D3
D2
D1
D0
IRQ/CP
RD
RS0
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
NC
TONE
R/W
CS
VDD
St/GT
ESt
D3
D2
D1
D0
NC
NC
IRQ/CP
RD
RS0
24 PIN SSOP
20 PIN CERDIP/PLASTIC DIP/SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com