Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ENG7350 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # ENG7350
Description  10-OUTPUT CONTROLLER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG7350 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  ENG7350 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7350 ---
1
7350
P. 1
10-OUTPUT CONTROLLER IC
DESCRIPTION
FEATURES
7350 is specially designed for 10
outputs applications. It is mainly used
in car braking system with multi-control
inputs.
Speed is adjusted by external RC
oscillator.
Maximum 10 outputs, the reset pin can
be connected to use fewer outputs.
Directly application in 12VDC circuits,
more convenience and stability。
CMOS Fab Technology
Working Voltage:2.0~15VDC
Functions are:
(1) Sequencial Chasing - POWER ON
(2) Steady On
(3) All Flashing
(4) Forward and Backward Chasing
(5) Sequencially Grow
(L1,L1L2, ..,OFF,L1,..)
Outputs can be set to 2-10 outputs
Output is source type (positive) to direct
drive LED or drive by NPN transistor
I
IC pad assignment
I
IC pin description
Pin
Symbol
Function Description
1
VDD
Power positive
2
3
GO
ALLON
Forward & Backward +VDD
All Steady On
+VDD
4
5
6
RT
CT
RC
RC OSC
7
MODE
Sequencially Grow
+VDD
8
VSS
Power negative
9
FLASH
All Flashing
+VDD
10
L1
Output1
11
L2
Output2
12
L3
Output3
13
L4
Output4
14
L5
Output5
15
L6
Output6
16
L7
Output7
17
L8
Output8
18
L9
Output9
19
L10
Output10
20
RS(RESET)
RESET pin
Name
Package
Outputs
7350C
Chip form
L1 ~ L10
7350-0
20P DIP
L1 ~ L10
7350-2
16P DIP
L1 ~ L6 +RESET
7350-3
16P DIP
L1 ~ L7 +RESET
I
Product Packages
其朋半導體股份有限公司
Chip Design Technology
Inc.
90 年 5 月 10 日
1
2
1
20
18 17
13
GO VDD
RS
L10
L8
19
L9
1
3
1
4
1
7
8
10
11
MODE VSS
L1
L2
ALLON
RT
14
15
L6
L5
L4
7350
Chip Size: 2130 x 2280 μM
IC substrate to VDD
16
L7
1
5 CT
9
FLASH
1
6 RC
12
L3
7350


Similar Part No. - ENG7350

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
ENG7230 BOWIN-ENG7230 Datasheet
87Kb / 2P
VOLTAGE DETECTOR
More results

Similar Description - ENG7350

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
Princeton Technology Co...
PT2259 PTC-PT2259 Datasheet
445Kb / 21P
Volume Controller IC
logo
Schurter Inc.
10700029 SCHURTER-10700029 Datasheet
195Kb / 1P
Controller IC
10700031 SCHURTER-10700031 Datasheet
229Kb / 2P
Controller IC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
4-ch Output DC-DC Converter Controller IC
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
10 bit PWM Controller 48Channel Output LED Driver
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
LED Controller IC
Rev1.0, 2012-02-28
logo
Unisonic Technologies
UL318 UTC-UL318 Datasheet
244Kb / 6P
SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
logo
ON Semiconductor
NCN26010 ONSEMI-NCN26010 Datasheet
454Kb / 57P
10 Mb/s Industrial Ethernet MAC PHY IC Controller
June, 2022 - Rev. 1
logo
Renesas Technology Corp
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com