Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ENG7350 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # ENG7350
Description  10-OUTPUT CONTROLLER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG7350 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  ENG7350 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. ENG7350 Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7350 ---
3
1
7350
P. 3
10-OUTPUT CONTROLLER IC
APPLICATIONS(7350- 0 20-PIN─ 10 OU TPUTS)
1. Lamps
(1) 12VDC
(2) Normal ─ Sequencial Chasing
(3) Braking ─ Steady On, Flashing, Forward & Backward,Sequencially Grow options
NOTES
1. In order to compensate Power On Reset in high current and high voltage
conditions,add C1=47µF and 102 to ALLON pin,IC will be more stable.
2. In Sequentially Grow ,L10 or the last output should be connected to RESET pin.
3. VDD or any input pin should be connected IN4001 and one R to protect IC in the
high voltage operation conditions.
4. MODE pin – Add one 104 capacitor to VSS for noise immunity or connect to VSS
if not been used.
12VDC
L10
Q10
8050
L9
Q9
8050
L8
Q8
8050
L7
Q7
8050
L6
Q6
8050
L5
Q5
8050
L4
Q4
8050
L3
Q3
8050
L2
Q2
8050
L1
Q1
8050
12VDC
RESET
L10
VDD
L9
GO
L8
ALLON
L7
RT
L6
CT
L5
RC
L4
20
2
19
3
18
4
17
5
16
6
15
7
14
7350-0
MODE
L3
VSS
L2
FLASH
L1
8
13
9
12
10
11
L10
L9
L8
L7
L6
L5
L4
L3
L2
L1
C2
102
1M
104
C1
104
104
1K
1K
1K
1K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com