Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT91L60AS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT91L60AS Datasheet HTML 1Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 2Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 3Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 4Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 5Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 6Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 7Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 8Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MT91L60/61
Advance Information
2
Figure 2 - Pin Connections
Pin Description
Pin #
20 Pin
24 Pin
Name
Description
11
VBias
Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external
amplifiers. Connect 0.1
µF capacitor to V
SSA.
22
VRef
Reference Voltage for Codec (Output). Used internally. Nominally [Vdd/2 - 1.1]
volts. Connect 0.1
µF capacitor to V
SSA.
34
PWRST Power-up Reset (Input). CMOS compatible input with Schmitt Trigger (active low).
45
IC
Internal Connection. Tie externally to VSSD for normal operation.
56
A/
µ/IRQ A/µ - When internal control bit DEn = 0 this CMOS level compatible input pin governs
the companding law used by the filter/Codec;
µ-Law when tied to V
SSD and A-Law
when tied to VDD. Logically OR’ed with A/µ register bit.
IRQ - When internal control bit DEn = 1 this pin becomes an open-drain interrupt
output signalling valid access to the D-Channel registers in ST-BUS mode.
67
VSSD
Digital Ground. Nominally 0 volts.
78
CS
Chip Select (Input).
This input signal is used to select the device for microport
data transfers. Active low. CMOS level compatible.
8
10
SCLK
Serial Port Synchronous Clock (Input). Data clock for microport. CMOS level
compatible.
9
11
DATA 1 Bidirectional Serial Data. Port for microprocessor serial data transfer. In Motorola/
National mode of operation, this pin becomes the data transmit pin only and data
receive is performed on the DATA 2 pin. Input CMOS level compatible.
10
12
DATA 2 Serial Data Receive. In Motorola/National mode of operation, this pin is used for
data receive. In Intel mode, serial data transmit and receive are performed on the
DATA 1 pin and DATA 2 is disconnected. Input CMOS level compatible.
11
13
Dout
Data Output. A high impedance three-state digital output for 8 bit wide channel
data being sent to the Layer 1 transceiver. Data is shifted out via this pin concurrent
with the rising edge of the bit clock during the timeslot defined by STB, or according
to standard ST-BUS timing.
12
14
Din
Data Input. A digital input for 8 bit wide channel data received from the Layer 1
transceiver. Data is sampled on the falling edge of the bit clock during the timeslot
defined by STB, or according to standard ST-BUS timing. Input level is CMOS
compatible.
M -
M +
VBias
VRef
IC
VSSD
SCLK
DATA1
DATA2
Din
Dout
VSSA
HSPKR +
HSPKR -
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
NC
PWRST
A/
µ/IRQ
CS
NC
STB/F0i
NC
CLOCKin
NC
M -
M +
VBias
VRef
IC
VSSD
SCLK
DATA1
DATA2
Din
Dout
VSSA
HSPKR +
HSPKR -
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
PWRST
A/
µ/IRQ
CS
STB/F0i
CLOCKin
20 PIN SOIC/SSOP
24 PIN PDIP
M -
M +
VBias
VRef
IC
VSSD
SCLK
DATA1
DATA2
Din
Dout
VSSA
HSPKR +
HSPKR -
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
NC
PWRST
A/
µ/IRQ
CS
NC
STB/F0i
STBd/FOod
CLOCKin
NC
24 PIN PDIP/SOIC/SSOP
MT91L60AS/AN
MT91L60AE
MT91L61AE/AS/AN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com