Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MT91L60AS Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT91L60AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L60AS Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT91L60AS Datasheet HTML 18Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 19Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 20Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 21Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 22Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 23Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 24Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 25Page - Mitel Networks Corporation MT91L60AS Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MT91L60/61
Advance Information
22
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 1, address 00h.
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 1, address 00h.
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: TxINC, refer to Control Register 1, address 00h.
AC Electrical Characteristics† for Side-tone Path
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Absolute path gain
gain adjust = 0dB
GAS1
GAS2
-17.1
-11.1
-16.5
-10.5
-15.9
-9.9
dB
dB
RxINC = 0*
RxINC = 1*
M
± inputs to HSPKR± outputs
1000 Hz at STG2=1
2
Tolerance of other side-tone
settings (-9.96 to 9.96 dB)
relative to output at 0dB setting
-0.5
+/-0.2
+0.5
dB
Electrical Characteristics† for Analog Outputs
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
EarpIece load impedance
EZL
260
300
ohms
across HSPKR
±
2
Allowable earpiece capacitive
load
ECL
300
pF
each pin:
HSPKR+,
HSPKR-
3
Earpiece harmonic distortion
ED
0.5
%
300 ohms load across
HSPKR
± (tol-15%),
VO
≤693mV
RMS, RxINC=1*,
Rx gain=0dB
Electrical Characteristics† for Analog Inputs
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Maximum input voltage without
overloading Codec
across M+/M-
VIOLH
2.128
0.756
Vp-p
Vp-p
TxINC = 0, A/
µ = 0*
TxINC = 1, A/
µ = 1*
Tx filter gain=0dB setting
2
Input Impedance
ZI
50
k
Ω
M+/M- to VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com