Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LC03CI Datasheet(PDF) 4 Page - Diotech Company.

Part # LC03CI
Description  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

LC03CI Datasheet(HTML) 4 Page - Diotech Company.

  LC03CI Datasheet HTML 1Page - Diotech Company. LC03CI Datasheet HTML 2Page - Diotech Company. LC03CI Datasheet HTML 3Page - Diotech Company. LC03CI Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LC03CI THRU LC24CI
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SUGGESTED SOLDER PAD LAYOUT
SOD-323 PACKAGE OUTLINE & DIMENTIONS
SOD-323
x
a
M
n
i
M
m
i
D
5
2
3
.1
5
7
2
.1
A
B
5
2
7
.1
5
7
6
.1
Typical
9
.0
C
5
3
.0
5
2
.0
D
7
3
.0
7
2
.0
E
1
.0
2
0
.0
H
Typical
1
.0
J
K
7
.2
6
.2
All Dimensions in mm
0.025
(0.63)
inches(mm)
0.033
(0.83)
0.063
(1.60)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com