Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LC03CI Datasheet(PDF) 1 Page - Diotech Company.

Part # LC03CI
Description  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

LC03CI Datasheet(HTML) 1 Page - Diotech Company.

  LC03CI Datasheet HTML 1Page - Diotech Company. LC03CI Datasheet HTML 2Page - Diotech Company. LC03CI Datasheet HTML 3Page - Diotech Company. LC03CI Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LC03CI THRU LC24CI
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
USB Interface
BIDIRECTIONAL
PIN CONFIGURATION
APPLICATIONS
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
IEC61000-4-5 (Lightning) 12A (8/20μs)
IEC COMPATIBILITY
350 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects one I/O or power line
Low clamping voltage
Working voltages: 3V, 5V, 12V, 15V, 24V
Low leakage current
FEATURES
JEDEC SOD-323 Package
Molding Compound Flammability Rating : UL 94V-O
Weight 5 Millgrams (Approximate)
Quantity Per Reel : 3,000pcs
Reel Size : 7 inch
Lead Finish : Lead Free
MECHANICAL CHARACTERISTICS
PACKAGE : SOD-323


Similar Part No. - LC03CI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
USB 2.0 power and data line
logo
Shanghai Shunye Electro...
LC03CI SHUNYE-LC03CI Datasheet
4Mb / 7P
LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
LC03CILVC LEIDITECH-LC03CILVC Datasheet
1Mb / 6P
LOW CLAMPING / LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results

Similar Description - LC03CI

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SD03C DIOTECH-SD03C Datasheet
777Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SM03 DIOTECH-SM03 Datasheet
931Kb / 4P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
LOW CAPACITANCE TVS ARRAY / ESD ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com