Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AX8052F131 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 4Page - ON Semiconductor AX8052F131 Datasheet HTML 5Page - ON Semiconductor AX8052F131 Datasheet HTML 6Page - ON Semiconductor AX8052F131 Datasheet HTML 7Page - ON Semiconductor AX8052F131 Datasheet HTML 8Page - ON Semiconductor AX8052F131 Datasheet HTML 9Page - ON Semiconductor AX8052F131 Datasheet HTML 10Page - ON Semiconductor AX8052F131 Datasheet HTML 11Page - ON Semiconductor AX8052F131 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Pin Function Descriptions
www.onsemi.com
AX8052F131
8
3.
Pin Function Descriptions
Symbol
Pin(s)
Type
Description
CLK16P
1
A
Crystal oscillator input/output (RF reference)
CLK16N
2
A
Crystal oscillator input/output (RF reference)
VDDA
3
P
Power supply, must be supplied with regulated voltage
VREG
GND
4
P
Ground
ANTP
5
A
Antenna output
ANTN
6
A
Antenna output
GND
7
P
Ground
VDDA
8
P
Power supply, must be supplied with regulated voltage
VREG
SYSCLK
9
I/O/PU
Must be connected to SYSCLK at pin 13
T1
10
I/O/PU
Must be connected to T1 at pin 12
T2
11
I/O/PU
Must be left unconnected
T1
12
I/O/PU
Must be connected to T1 at pin 10
SYSCLK
13
I/O/PU
Must be connected to SYSCLK at pin 9
PC3
14
I/O/PU
General Purpose IO
PC2
15
I/O/PU
General Purpose IO
PC1
16
I/O/PU
General Purpose IO
PC0
17
I/O/PU
General Purpose IO
PB0
18
I/O/PU
General Purpose IO
PB1
19
I/O/PU
General Purpose IO
PB2
20
I/O/PU
General Purpose IO
PB3
21
I/O/PU
General Purpose IO
PB4
22
I/O/PU
General Purpose IO
PB5
23
I/O/PU
General Purpose IO
PB6
24
I/O/PU
General Purpose IO, DBG_DATA
PB7
25
I/O/PU
General Purpose IO, DBG_CLK
DBG_EN
26
I/PD
In-Circuit Debugger Enable
RESET_N
27
I/PU
Optional reset pin
If this pin is not used it must be connected to VDD_IO
GND
28
P
Ground
VDD_IO
29
P
Unregulated power supply (battery input)
PA0
30
I/O/A/PU General Purpose IO
PA1
31
I/O/A/PU General Purpose IO
PA2
32
I/O/A/PU General Purpose IO
PA3
33
I/O/A/PU General Purpose IO
PA4
34
I/O/A/PU General Purpose IO
PA5
35
I/O/A/PU General Purpose IO
PA6
36
I/O/A/PU General Purpose IO
PA7
37
I/O/A/PU General Purpose IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com