Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OTPL40FP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OTPL40FP
Description  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTPL40FP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OTPL40FP Datasheet HTML 1Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 2Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 3Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 4Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 5Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 6Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 7Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 | Enclosed switches - eOT
The next generation of enclosed switches
General information
The eOT series of enclosed manual motor controllers are
rotary operated, 3 and 4 pole, 600V Hp rated switches,
housed in thermoplastic/polycarbonate, sheet steel or stainless
steel enclosures. They are suitable for wet and corrosive
environments.
Plastic enclosed disconnect switches,
from 16 up to 80 Amperes
– UL/NEMA 3R/12 and 4/4X versions
– 2 Handle color options, selector or pistol type
– Standard black handle
– Emergency red/yellow handle
– Available with and without 1 NO auxiliary contact installed
Sheet steel enclosed disconnect switches,
from 16 up to 100 Amperes
– UL/NEMA 1 and 3R/12 versions
– Black color handle, selector or pistol type
eOT products are properly installed on the load side of a branch
circuit protective device and are suitable for use as motor
disconnects as illustrated in Fig. 1.
Stainless steel enclosed disconnect switches,
from 16 up to 100 Amperes
– UL/NEMA 4/4X versions
– Metallic or black plastic pistol type handles
Disconnect means
M
Short Circuit protective device
Controller
Overload protections
Fig.1
Motor disconnect
(OSHA Lock Out/Tag Out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com