Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OTPL40FP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OTPL40FP
Description  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTPL40FP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OTPL40FP Datasheet HTML 3Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 4Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 5Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 6Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 7Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 9Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 10Page - List of Unclassifed Manufacturers OTPL40FP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Enclosed switches - eOT | 7
EOT16/32_1-S
Ordering information
Sheet steel enclosed switches
3-pole manual motor contollers
Amp
Weight/
rating
Handle
Handle
Auxiliary
unit
[A]
type
color
contacts*
Catalog number
[kg]
UL/NEMA 1
16
Pistol
Black
-
EOT16U3M1-P
2.1
16
Selector
Black
-
EOT16U3M1-S
2.1
40
Pistol
Black
-
EOT32U3M1-P
2.1
40
Selector
Black
-
EOT32U3M1-S
2.1
60
Pistol
Black
-
EOT45U3M1-P
2.8
60
Selector
Black
-
EOT45U3M1-S
3.9
80
Pistol
Black
-
EOT63U3M1-P
2.8
80
Selector
Black
-
EOT63U3M1-S
2.8
UL/NEMA 3R, 12
16
Pistol
Black
-
EOT16U3M3-P
2.1
16
Selector
Black
-
EOT16U3M3-S
2.1
40
Pistol
Black
-
EOT32U3M3-P
2.1
40
Selector
Black
-
EOT32U3M3-S
2.1
60
Pistol
Black
-
EOT45U3M3-P
2.8
60
Selector
Black
-
EOT45U3M3-S
2.8
80
Pistol
Black
-
EOT63U3M3-P
2.8
80
Selector
Black
-
EOT63U3M3-S
2.8
3-pole disconnect switches
Amp
Weight/
rating
Handle
Handle
Auxiliary
unit
[A]
type
color
contacts*
Catalog number
[kg]
UL/NEMA 1
30
Pistol
Black
-
EOT30U3M1-P
2.6
30
Selector
Black
-
EOT30U3M1-S
2.6
60
Pistol
Black
-
EOT60U3M1-P
3.9
60
Selector
Black
-
EOT60U3M1-S
3.9
100
Pistol
Black
-
EOT100U3M1-P
4.1
100
Selector
Black
-
EOT100U3M1-S
4.1
UL/NEMA 3R, 12
30
Pistol
Black
-
EOT30U3M3-P
2.6
60
Pistol
Black
-
EOT60U3M3-P
3.9
100
Pistol
Black
-
EOT100U3M3-P
4.1
* Types with auxiliary contacts available on request
EOT30/45/60/63_1-P
EOT100_1-P
EOT16/32_3-S
EOT16/32_3-P
EOT100_3-P
NEMA 1
NEMA 3R 12
EOT30/45/60/63_3-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com