Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1695 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1695
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1695 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1695 Datasheet HTML 1Page - Diodes Incorporated AP1695 Datasheet HTML 2Page - Diodes Incorporated AP1695 Datasheet HTML 3Page - Diodes Incorporated AP1695 Datasheet HTML 4Page - Diodes Incorporated AP1695 Datasheet HTML 5Page - Diodes Incorporated AP1695 Datasheet HTML 6Page - Diodes Incorporated AP1695 Datasheet HTML 7Page - Diodes Incorporated AP1695 Datasheet HTML 8Page - Diodes Incorporated AP1695 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP1695
Document number: DS37312 Rev. 1 - 2
3 of 15
www.diodes.com
June 2014
© Diodes Incorporated
AP1695
A Product Line of
Diodes Incorporated
Typical Applications Circuit (Cont.)
VCC
RI
GND
S
Drain
FB
L
N
RF
BD1
ZD1
L1
C1
C2
R6
R4
R5
R1
R7
R8
T1
U1
C3
F1
TVS1
LED+
LED-
R10
C4
+
R9
R2
R3
D1
Q2
5
4
1
7
6
CS
2
3
D2
Typical Buck-boost Application
Pin Descriptions
Pin Number
Pin Name
Function
1
S
Internal MOSFET
’s Source
2
CS
Current sensing
3
RI
Setting the initial on time
4
GND
Ground
5
FB
The feedback voltage from auxiliary winding
6
VCC
Supply voltage of gate driver and control circuits of the IC.
7
Drain
Internal MOSFET
’s Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com