Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1695 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1695
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1695 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1695 Datasheet HTML 1Page - Diodes Incorporated AP1695 Datasheet HTML 2Page - Diodes Incorporated AP1695 Datasheet HTML 3Page - Diodes Incorporated AP1695 Datasheet HTML 4Page - Diodes Incorporated AP1695 Datasheet HTML 5Page - Diodes Incorporated AP1695 Datasheet HTML 6Page - Diodes Incorporated AP1695 Datasheet HTML 7Page - Diodes Incorporated AP1695 Datasheet HTML 8Page - Diodes Incorporated AP1695 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP1695
Document number: DS37312 Rev. 1 - 2
4 of 15
www.diodes.com
June 2014
© Diodes Incorporated
AP1695
A Product Line of
Diodes Incorporated
Functional Block Diagram
Tons
Power_EN
Driver
FB
VCC
Drain
PFM
R
S
Q
Vref
CC_CTRL
TONP_CTRL
CS
Vdd
PRO
CS_OCP
FB_CV
FB_OVP
VCC_OVP
Logic
Vcsmax
Vcs_valley
RI
5
3
2
1
6
S
7
4
GND
Set Initial Tonp
Tons
Detector
Constant
Turn-on Time
Generation
Protection
& Latch
Regulator
&
Bias
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 35
V
IOUT
Driver Output Current
150
mA
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input Voltage
-40 to 10
V
VDrain
Voltage On Drain
500
V
ID
Continue Drain Current TC = +25
oC
2.5
A
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
PD
Power Dissipation (TA = +50C)
0.65
W
θJA
Thermal Resistance (Junction to Ambient)
160
°C/W
–
ESD (Human Body Model)
±2000
V
–
ESD (Machine Model)
±200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional o
peration of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com