Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3001 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS3001
Description  Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3001 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS3001 Datasheet HTML 2Page - Silicon Laboratories TS3001 Datasheet HTML 3Page - Silicon Laboratories TS3001 Datasheet HTML 4Page - Silicon Laboratories TS3001 Datasheet HTML 5Page - Silicon Laboratories TS3001 Datasheet HTML 6Page - Silicon Laboratories TS3001 Datasheet HTML 7Page - Silicon Laboratories TS3001 Datasheet HTML 8Page - Silicon Laboratories TS3001 Datasheet HTML 9Page - Silicon Laboratories TS3001 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TS3001
Page 6
TS3001 Rev. 1.0
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
FOUT
Fixed Duty Cycle Output. A push-pull output stage with an output
resistance of 160
Ω, the FOUT pin swings from GND to VDD. For
lowest power operation, capacitive loads should be minimized
and resistive loads should be maximized.
2
NC
No Connection.
3
PWMOUT
Pulse-width Modulated Output. A push-pull output stage with an
output resistance of 160
Ω, the PWMOUT pin is wired anti-phase
with respect to FOUT and swings from GND to VDD. For lowest
power operation, capacitive loads should be minimized and
resistive loads should be maximized.
4
CNTRL
PWMOUT Enable and Duty Cycle Control Input. An analog input
pin, the VCNTRL pin voltage enables the TS3001’s PWM engine
and controls the duty cycle at PWMOUT from 12%
(VCNTRL = 0.03 x VDD) to 90% (VCNTRL = 0.27 x VDD). Enabling the
PWM engine increases the TS3001’s nominal operating supply
current. To disable the TS3001’s PWM engine, CNTRL shall be
connected to VDD.
5,6
GND
Ground – Connect this pin to the system’s analog ground plane.
7
RSET
FOUT Programming Resistor Input. A 4.32M
Ω resistor connected
from this pin to GND sets the TS3001’s internal oscillator’s output
period to 40
μs (25kHz). For optimal performance, the
composition of the RSET resistor shall be consistent with
tolerances of 1% or lower. The RSET pin voltage is 0.3V at a 1V
supply.
8
VDD
Power Supply Voltage Input. While the TS3001 is fully specified
at 1V, the supply voltage range is 0.9V
≤ VDD ≤ 1.8V. It is always
considered good engineering practice to bypass the VDD pin with
a 0.1
μF ceramic decoupling capacitor in close proximity to the
TS3001.
EP
-----
Exposed paddle is electrically connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com