Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3001 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # TS3001
Description  Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3001 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button TS3001 Datasheet HTML 3Page - Silicon Laboratories TS3001 Datasheet HTML 4Page - Silicon Laboratories TS3001 Datasheet HTML 5Page - Silicon Laboratories TS3001 Datasheet HTML 6Page - Silicon Laboratories TS3001 Datasheet HTML 7Page - Silicon Laboratories TS3001 Datasheet HTML 8Page - Silicon Laboratories TS3001 Datasheet HTML 9Page - Silicon Laboratories TS3001 Datasheet HTML 10Page - Silicon Laboratories TS3001 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS3001
Page 8
TS3001 Rev. 1.0
APPLICATIONS INFORMATION
Minimizing Power Consumption
To keep the TS3001’s power consumption low,
resistive loads at the FOUT and PWMOUT terminals
increase dc power consumption and therefore should
be as large as possible. Capacitive loads at the
FOUT
and
PWMOUT
terminals
increase
the
TS3001’s transient power consumption and, as well,
should be as small as possible.
One challenge to minimizing the TS3001’s transient
power consumption is the probe capacitance of
oscilloscopes and frequency counter instruments.
Most instruments exhibit an input capacitance of
15pF or more. Unless buffered, the increase in
transient load current can be as much as 400nA.
To minimize capacitive loading, the technique shown
in Figure 1 can be used. In this circuit, the principle of
series-connected capacitors can be used to reduce
the effective capacitive load at the TS3001’s FOUT
and PWMOUT terminals.
To determine the optimal value for CEXT once the
probe capacitance is known by simply solving for
CEXT using the following expression:
CEXT=
1
1
CLOAD(EFF)
-
1
CPROBE
For
example,
if
the
instrument’s
input
probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be
≤5pF, then the value of CEXT should
be
≤7.5pF.
TS3001 Start-up Time
As the TS3001 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 0.9 volt. Once the
applied VDD is higher than 0.9 volt, the master
oscillator achieves steady-state operation within
1.2ms.
Current- and Voltage-Controlled Oscillators
The
TS3001
can
be
configured
into
a
Current-Controlled Oscillator as shown in Figure 2.
With a current source sourcing a current of 223nA to
262nA, FOUT can generate an output signal with a
frequency range of 5.2kHz to 90kHz. In a similar
manner, a Voltage-Controlled Oscillator can be
configured as shown in Figure 3. In this case, a
voltage source sourcing a voltage of 290mV to
341mV
can
generate
an
FOUT
output
signal
frequency range of 5.2kHz to 90kHz as well. It is
recommended to use resistor values with a 1%
tolerance.
Figure 1: Using an External Capacitor in Series with
Probes Reduces Effective Capacitive Load.
Figure 2: Configuring the TS3001 into a
Current-Controlled Oscillator.
Figure 3: Configuring the TS3001 into a
Voltage-Controlled Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com