Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3300 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 23Page - Microchip Technology USB3300 Datasheet HTML 24Page - Microchip Technology USB3300 Datasheet HTML 25Page - Microchip Technology USB3300 Datasheet HTML 26Page - Microchip Technology USB3300 Datasheet HTML 27Page - Microchip Technology USB3300 Datasheet HTML 28Page - Microchip Technology USB3300 Datasheet HTML 29Page - Microchip Technology USB3300 Datasheet HTML 30Page - Microchip Technology USB3300 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 27
USB3300
Note 1:
An ‘X’ is a do not care and can be either a logic 0 or 1.
2:
The value of VbusValid is defined in Table 6-10, "External Vbus Indicator Logic".
6.1.7
USB3300 TRANSMITTER
The USB3300 ULPI transmitter fully supports HS, FS, and LS transmit operations. Figure 6-2, "ULPI Digital Block Dia-
gram" shows the high speed, full speed, and low speed transmitter block controlled by ULPI Protocol Block. Encoding
of the USB packet follows the bit-stuffing and NRZI outlined in the USB 2.0 specification. Many of these functions are
re-used between the high speed and full/low speed transmitters. When using the USB3300, Table 6-8, "DP/DM Termi-
nation vs. Signaling Mode" should always be used as a guideline on how to configure for various modes of operation.
The transmitter decodes the inputs of Xcvrselect, Termselect, opmodes, DpPulldown and DmPulldown to determine
what operation is expected. Users must strictly adhere to the modes of operation given in Table 6-8.
Several important functions for a device and host are designed in the transmitter blocks.
The USB3300 transmitter will transmit a 32-bit long high speed synch before every high speed packet. In full and low
speed modes a 8-bit synch is transmitted.
When the device or host needs to chirp for high speed port negotiation, the Opmode Bits=10 will turn off the bit-stuffing
and NRZI encoding in the transmitter. At the end of a chirp, the USB3300 Opmode register bits should be changed only
after the RXCMD linestate encoding indicates that the transmitter has completed transmitting. Should the opmode be
switched to normal bit-stuffing and NRZI encoding before the transmit pipeline is empty, the remaining data in the pipe-
line may be transmitted in an bit-stuff encoding format.
Please refer to the ULPI specification for a detailed discussion of USB reset and HS chirp.
6.1.7.1
High Speed Long EOP
When operating as a Hi-Speed host, the USB3300 will automatically generate a 40 bit long End of Packet (EOP) after
a SOF PID (A5h). The USB3300 determines when to send the 40-bit long EOP by decoding the ULPI TXD CMD bits
[3:0] for the SOF. The 40-bit long EOP is only transmitted when the DpPulldown and DmPulldown bits are asserted. The
Hi-Speed 40-bit long EOP is used to detect a disconnect in high speed mode.
In device mode, the USB3300 will not send a long EOP after a SOF PID.
TABLE 6-5:
ULPI RX CMD ENCODING
Data [7:0]
Name
Description and Value
[1:0]
Linestate
UTMI Linestate Signals
DATA[1] = Linestate[1]
DATA[0] = Linestate[0]
[3:2]
Encoded
Vbus State
ENCODED VBUS VOLTAGE STATES
VALUE
VBUS VOLTAGE
SESSEND
SESSVLD
VBUSVLD2
00
VVBUS < VSESS_END
10
0
01
VSESS_END < VVBUS <
VSESS_VLD
00
0
10
VSESS_VLD < VVBUS <
VVBUS_VLD
X1
0
11
VVBUS_VLD < VVBUS
XX
1
[5:4]
Rx Event
Encoding
ENCODED UTMI EVENT SIGNALS
VALUE
RXACTIVE
RXERROR
HOSTDISCONNECT
00
0
0
0
01
1
0
0
11
1
1
0
10
X
X
1
[6]
State of ID
pin
Set to the logic state of the ID pin. A logic low indicates an A device. A logic high
indicates a B device.
[7]
Reserved
Always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com