Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3300 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 27Page - Microchip Technology USB3300 Datasheet HTML 28Page - Microchip Technology USB3300 Datasheet HTML 29Page - Microchip Technology USB3300 Datasheet HTML 30Page - Microchip Technology USB3300 Datasheet HTML 31Page - Microchip Technology USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 31
USB3300
6.1.9.2
Exiting Low Power Mode
To exit Low Power Mode, the Link will assert STP. Upon the assertion of STP, the USB3300 will begin its start-up pro-
cedure. After the PHY start-up is complete, the PHY will start the clock on CLKOUT and de-assert DIR. Once DIR has
been de-asserted, the Link can de-assert STP when ready and start operating in Synchronous Mode. The PHY will auto-
matically set the SuspendM bit to a 1 in the Function Control register.
The time from T0 to T1 is given in Table 5-2, “Electrical Characteristics: CLKOUT Start-Up,” on page 12.
Should the Link de-assert STP before DIR is de-asserted, the USB3300 will detect this as a false resume request and
return to Low Power Mode. This is detailed in section 3.9.4 of the ULPI 1.1 specification.
6.1.9.3
Interface Protection
ULPI protocol assumes that both the Link and PHY will keep the ULPI data bus driven by either the Link when DIR is
low or the PHY when DIR is high. The only exception is when DIR has changed state and a turn around cycle occurs
for 1 clock period.
In the design of a USB system, there can be cases where the Link may not be driving the ULPI bus to a known state
while DIR is low. Two examples where this can happen is because of a slow Link start-up or a hardware reset.
Start up Protection
Upon start-up, when the PHY de-asserts DIR, the Link must be ready to receive commands and drive Idle on the data
bus. If the Link is not ready to receive commands or drive Idle, it must assert STP before DIR is de-asserted. The Link
can then de-assert STP when it has completed its start-up. If the Link doesn’t assert STP before it can receive com-
mands, the PHY may interpret the databus state as a TX CMD and transmit invalid data onto the USB bus, or make
invalid register writes.
A Link should be designed to have the default POR state of the STP output high and the data bus tri-stated. The
USB3300 has weak pull-downs on the DATA bus to prevent these inputs from floating when not driven.
In some cases, a Link may be software configured and not have control of its STP pin until after the PHY has started.
In this case, the USB3300 has an internal pull-up on the STP input pad which will pull STP high while the Link’s STP
output is tri-stated. The STP pull-up resistor is enabled on POR and can be disabled by setting the InterfaceProtectDis-
able
bit 7 of the Interface Control register.
The STP pull-up resistor will pull-up the Link’s STP input high until the Link configures and drives STP high. Once the
Link completes its start-up, STP can be synchronously driven low.
FIGURE 6-9:
EXITING LOW POWER MODE
DIR
CLK
DATA[7:0]
STP
NXT
TURN
AROUND
LOW
POWER MODE
DATA BUS IGNORED (SLOW LINK)
IDLE (FAST LINK)
IDLE
T0
T1
T2
T3
T5
T4
Slow Link Drives Bus
Idle and STP low
Fast Link Drives Bus
Idle and STP low
...
Note: Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com