Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL16N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL16N65M2
Description  N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL16N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STL16N65M2 Datasheet HTML 1Page - STMicroelectronics STL16N65M2 Datasheet HTML 2Page - STMicroelectronics STL16N65M2 Datasheet HTML 3Page - STMicroelectronics STL16N65M2 Datasheet HTML 4Page - STMicroelectronics STL16N65M2 Datasheet HTML 5Page - STMicroelectronics STL16N65M2 Datasheet HTML 6Page - STMicroelectronics STL16N65M2 Datasheet HTML 7Page - STMicroelectronics STL16N65M2 Datasheet HTML 8Page - STMicroelectronics STL16N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2014
DocID027128 Rev 1
1/16
STL16N65M2
N-channel 650 V, 0.325
Ω typ., 7.5 A MDmesh M2
Power MOSFET in a PowerFLAT™ 5x6 HV package
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (Coss) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics, rendering
it suitable for the most demanding high efficiency
converters.
AM15540v2
5
6
7
8
12
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
1
2
3
4
PowerFLAT™ 5x6 HV
Order code
VDS @ TJmax
RDS(on) max
ID
STL16N65M2
710 V
0.395
Ω
7.5 A
Table 1. Device summary
Order codes
Marking
Package
Packaging
STL16N65M2
16N65M2
PowerFLAT™ 5x6 HV
Tape and reel
www.st.com


Similar Part No. - STL16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL16N65M5 STMICROELECTRONICS-STL16N65M5 Datasheet
934Kb / 15P
N-channel 650 V, 0.270 ohm, 12 A PowerFLAT 8x8 HV
03-Nov-2011
More results

Similar Description - STL16N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com