Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL66DN3LLH5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL66DN3LLH5
Description  Dual N-channel 30 V, 5.9 mΩ, 20 A STripFET™ V Power MOSFET in PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66DN3LLH5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL66DN3LLH5 Datasheet HTML 1Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 2Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 3Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STL66DN3LLH5
Electrical ratings
Doc ID 022353 Rev 2
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
30
V
VGS
Gate-source voltage
± 22
V
ID
(1)
1.
Specified by design. Not subject to production test.
Drain current (continuous) at TC = 25 °C
78.5
A
ID
(1)
Drain current (continuous) at TC = 100 °C
55.5
A
ID
Drain current (continuous) at Tpcb = 25 °C
20
A
ID
Drain current (continuous) at Tpcb=100 °C
14.2
A
IDM
(2),(3)
2.
Pulse width limited by safe operating area
3.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Drain current (pulsed)
80
A
PTOT
Total dissipation at TC = 25°C
72
W
PTOT
Total dissipation at Tpcb = 25°C
4.7
W
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.08
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
32
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current,
(pulse width limited by TJ max)
18.5
A
EAS
(1)
1. Per channel.
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAV , VDD = 24 V)
270
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com