Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL66DN3LLH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL66DN3LLH5
Description  Dual N-channel 30 V, 5.9 mΩ, 20 A STripFET™ V Power MOSFET in PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66DN3LLH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL66DN3LLH5 Datasheet HTML 1Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 2Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 3Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 4Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL66DN3LLH5
4/15
Doc ID 022353 Rev 2
2
Electrical characteristics
(TCASE= 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 250 µA
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 30 V,
VDS = 30 V, TC=125 °C
1
100
µA
nA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 22 V
±
10
µA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
13
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 10 A
VGS= 4.5 V, ID= 10 A
5.9
7.1
6.5
7.9
m
Ω
m
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz,
VGS=0
-
1500
230
23
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 19 A
VGS =4.5 V
(see Figure 14)
-
12
5
4.4
-
nC
nC
nC
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=15 V, ID= 9.5 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
-
8.8
18
26
4
-
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com