Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBB3J Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBB3J Datasheet HTML 2Page - STMicroelectronics STBB3J Datasheet HTML 3Page - STMicroelectronics STBB3J Datasheet HTML 4Page - STMicroelectronics STBB3J Datasheet HTML 5Page - STMicroelectronics STBB3J Datasheet HTML 6Page - STMicroelectronics STBB3J Datasheet HTML 7Page - STMicroelectronics STBB3J Datasheet HTML 8Page - STMicroelectronics STBB3J Datasheet HTML 9Page - STMicroelectronics STBB3J Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Pin configuration
STBB3J
6/25
DocID025263 Rev 5
3
Pin configuration
Figure 3. Pin connection top view
Figure 4. Pin connection bottom view
AM16823v1
AM16824v1
Table 3. Pin description
Pin name
Pin
Description
VOUT
A1, A2, A3
Output voltage.
SW1
D1, D2, D3
Switch pin - internal switches are connected to this pin. Connect
inductor between SW1 to SW2.
PGND
C1, C2, C3
Power ground.
SW2
B1, B2, B3
Switch pin - internal switches are connected to this pin. Connect
inductor between SW1 and SW2.
EN
E4
Enable pin. Connect this pin to GND or a voltage lower than 0.4 V to
shut down the IC. A voltage higher than 1.2 V is required to enable
the IC.
MODE/SYNC
D4
When in normal operation, the MODE pin selects between auto
transition mode and fixed frequency PWM mode. If the MODE pin is
low, the STBB3J automatically switches between pulse-skipping and
standard fixed frequency PWM according to the load level. If the
MODE pin is pulled high, the STBB3J works always at fixed
frequency. When a square wave is applied, this pin provides the
clock signal for oscillator synchronization.
VIN_A
C4
Supply voltage for control stage. Connecting a capacitor of minimum
100 nF between VIN_A and GND.
VIN_SW
E1, E2, E3
Power input voltage.
GND
B4
Signal ground.
FB
A4
Feedback voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com