Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBB3J Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBB3J
Description  2 A, high efficiency single inductor buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3J Datasheet(HTML) 1 Page - STMicroelectronics

  STBB3J Datasheet HTML 1Page - STMicroelectronics STBB3J Datasheet HTML 2Page - STMicroelectronics STBB3J Datasheet HTML 3Page - STMicroelectronics STBB3J Datasheet HTML 4Page - STMicroelectronics STBB3J Datasheet HTML 5Page - STMicroelectronics STBB3J Datasheet HTML 6Page - STMicroelectronics STBB3J Datasheet HTML 7Page - STMicroelectronics STBB3J Datasheet HTML 8Page - STMicroelectronics STBB3J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
December 2015
DocID025263 Rev 5
1/25
25
STBB3J
2 A, high efficiency single inductor
buck-boost DC-DC converter
Datasheet
- production data
Features
• Input voltage range from 1.8 V to 5.5 V
• 2 A output current at 3.3 V in buck mode (VIN=
3.6 V to 5.5 V)
• 800 mA output current at 3.3 V in boost mode
(VIN 2.0 V)
• Typical efficiency higher than 94%
• ± 2% DC feedback voltage tolerance
• Automatic transition between step-down and
boost mode
• Adjustable output voltage from 1.2 V to 5.5 V
• Power save mode (PS) at light load
• 2.0 MHz fixed switching frequency
• Adjustable switching frequency up to 2.4 MHz
(by external synchronous square signal)
• Device quiescent current less than 50 μA
• Load disconnect during shutdown
• Shutdown function and soft-start
• Shutdown current < 1 μA
• Available in Flip Chip 20, pitch = 0.4 mm
Applications
• Single cell Li-Ion, two-cell and three-cell
alkaline, Ni-MH powered devices
• Memory card supply
• Tablet, smartphones
• Digital cameras
Description
The STBB3J is a fixed frequency, high efficiency,
buck-boost DC-DC converter which provides
output voltages from 1.2 V to 5.5 V starting from
input voltage from 1.8 V to 5.5 V. The device can
operate with input voltages higher than, equal to,
or lower than the output voltage making the
product suitable for cell lithium-Ion applications
where the output voltage is within the battery
voltage range. The low-RDS(on) N-channel and P-
channel MOSFET switches are integrated and
contribute to achieve high efficiency. The MODE
pin allows the selection between auto mode and
forced PWM mode, taking advantage from either
lower power consumption or best dynamic
performance.The device also includes soft-start
control, thermal shutdown, and current limit. The
STBB3J is packaged in Flip Chip 20 bumps with
2.5 x 1.75 mm.
Flip Chip 20, pitch = 0.4 mm
Table 1. Device summary
Order code
Part number
Marking
Packing
Output voltage
STBB3JR
STBB3J
BB3
Flip Chip 20
Adjustable
www.st.com


Similar Part No. - STBB3J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB3JCC STMICROELECTRONICS-STBB3JCC Datasheet
2Mb / 27P
2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
16-Dec-2015
More results

Similar Description - STBB3J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3JCC STMICROELECTRONICS-STBB3JCC Datasheet
2Mb / 27P
2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
16-Dec-2015
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com