Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBB3JCC Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 3Page - STMicroelectronics STBB3JCC Datasheet HTML 4Page - STMicroelectronics STBB3JCC Datasheet HTML 5Page - STMicroelectronics STBB3JCC Datasheet HTML 6Page - STMicroelectronics STBB3JCC Datasheet HTML 7Page - STMicroelectronics STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics STBB3JCC Datasheet HTML 10Page - STMicroelectronics STBB3JCC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID025425 Rev 5
7/27
STBB3JCC
Absolute maximum ratings
4
Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_A, VIN_SW
Supply voltage
-0.3 to 7.0
V
SW1,SW2
Switching nodes
-0.3 to 7.0
V
VOUT
Output voltage
-0.3 to 7.0
V
MODE, EN
Logic pins
-0.3 to 7.0
V
FB
Feedback pin for adjustable version
-0.3 to 1.5
V
ESD
Human body model
± 2000
V
TAMB
Operating ambient temperature
-40 to 85
°C
TJ
Maximum operating junction
temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
Table 5. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction-ambient
84
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com