Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STBB3JCC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 1 Page - STMicroelectronics

  STBB3JCC Datasheet HTML 1Page - STMicroelectronics STBB3JCC Datasheet HTML 2Page - STMicroelectronics STBB3JCC Datasheet HTML 3Page - STMicroelectronics STBB3JCC Datasheet HTML 4Page - STMicroelectronics STBB3JCC Datasheet HTML 5Page - STMicroelectronics STBB3JCC Datasheet HTML 6Page - STMicroelectronics STBB3JCC Datasheet HTML 7Page - STMicroelectronics STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
December 2015
DocID025425 Rev 5
1/27
27
STBB3JCC
2 A, high efficiency single inductor buck-boost DC-DC converter
and high brightness WLED driver
Datasheet
- production data
Features
• 100 mV feedback signal
• Input voltage range from 1.8 V to 5.5 V
• 2 A output current at 3.3 VOUT in buck mode
(VIN= 3.6 V to 5.5 V)
• 800 mA output current at 3.3 VOUT in boost
mode (VIN ≥ 2.0 V)
• Typical efficiency higher than 94%
• Automatic transition between step-down and
boost mode
• Adjustable output voltage from 1.2 V to 5.5 V
• Power save mode (PS) at light load
• 2.0 MHz fixed switching frequency
• Adjustable switching frequency up to 2.4 MHz
(by external synchronous square signal)
• Device quiescent current less than 50 μA
• Load disconnect during shutdown
• Shutdown function and soft-start
• Shutdown current < 1 μA
• Available in Flip Chip 20, pitch = 0.4 mm
Applications
• HB WLED driver
• Single cell Li-Ion, two-cell and three-cell
alkaline, Ni-MH powered devices
• Memory card supply
• Tablet, smartphones
• Digital cameras
Description
The STBB3JCC is a fixed frequency, high
efficiency, buck-boost DC-DC converter which
provides output voltages from 1.2 V to 5.5 V
starting from input voltage from 1.8 V to 5.5 V.
Thanks to very low sensing voltage, only 100 mV
and very low RDS(on) of integrated power
MOSFET, it achieves very high efficiency driving
high brightness white LED in constant current
mode. The device can operate with input voltages
higher than, equal to, or lower than the output
voltage making the product suitable for cell
lithium-Ion applications where the output voltage
is within the battery voltage range. The MODE pin
allows the selection between auto mode and
forced PWM mode, taking advantage from either
lower power consumption or best dynamic
performance.The device also includes soft-start
control, thermal shutdown, and current limit. The
STBB3JCC is packaged in Flip Chip 20 bumps
with 2.5 x 1.75 mm.
Flip Chip 20, pitch = 0.4 mm
Table 1. Device summary
Order code
Part number
Marking
Packing
Output voltage
STBB3JCCR
STBB3JCC
BB3CC
Flip Chip20
Adjustable
www.st.com


Similar Part No. - STBB3JCC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
2 A, high efficiency single inductor buck-boost DC-DC converter
10-Dec-2015
More results

Similar Description - STBB3JCC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
2 A, high efficiency single inductor buck-boost DC-DC converter
10-Dec-2015
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com