Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF9N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF9N60M2
Description  N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF9N60M2 Datasheet HTML 3Page - STMicroelectronics STF9N60M2 Datasheet HTML 4Page - STMicroelectronics STF9N60M2 Datasheet HTML 5Page - STMicroelectronics STF9N60M2 Datasheet HTML 6Page - STMicroelectronics STF9N60M2 Datasheet HTML 7Page - STMicroelectronics STF9N60M2 Datasheet HTML 8Page - STMicroelectronics STF9N60M2 Datasheet HTML 9Page - STMicroelectronics STF9N60M2 Datasheet HTML 10Page - STMicroelectronics STF9N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID024728 Rev 2
7/15
STF9N60M2, STFI9N60M2
Electrical characteristics
15
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Normalized V(BR)DSS vs temperature
C
100
10
1
0.1
0.1
1
VDS(V)
(pF)
10
Ciss
Coss
Crss
100
1000
AM15870v1
Eoss
2
1
0
0
100
VDS(V)
(µJ)
400
200
300
500
600
AM15874v1
VGS(th)
0.75
0.7
-50
0
TJ(°C)
(norm)
-25
0.8
75
25
50
100 125
0.85
0.9
ID=250µA
0.95
1.0
1.05
1.15
1.1
AM15871v1
RDS(on)
1.1
0.9
0.7
0.5
-50
TJ(°C)
(norm)
-25
25
0
50
125
1.7
1.5
1.3
VGS=10 V
ID=3 A
75
100
1.9
2.1
2.3
2.5
AM15872v1
VSD
0
2
ISD(A)
(V)
1
5
3
4
0
0.2
0.4
0.6
0.8
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
1.2
1.4
AM15873v1
V(BR)DSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.99
1.01
1.03
1.05
125
0.97
1.07
ID=1mA
1.09
1.11
AM15867v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com