Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF9N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF9N60M2
Description  N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF9N60M2 Datasheet HTML 1Page - STMicroelectronics STF9N60M2 Datasheet HTML 2Page - STMicroelectronics STF9N60M2 Datasheet HTML 3Page - STMicroelectronics STF9N60M2 Datasheet HTML 4Page - STMicroelectronics STF9N60M2 Datasheet HTML 5Page - STMicroelectronics STF9N60M2 Datasheet HTML 6Page - STMicroelectronics STF9N60M2 Datasheet HTML 7Page - STMicroelectronics STF9N60M2 Datasheet HTML 8Page - STMicroelectronics STF9N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
March 2014
DocID024728 Rev 2
1/15
STF9N60M2,
STFI9N60M2
N-channel 600 V, 0.72
Ω typ., 5.5 A MDmesh II Plus™ low Q
g
Power MOSFETs in TO-220FP and I2PAKFP packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Lower RDS(on) x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using a new generation of MDmesh™
technology: MDmesh II Plus™ low Qg. These
revolutionary Power MOSFETs associate a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. They are therefore suitable for the
most demanding high efficiency converters.
.
TO-220FP
1
2
3
1
2
3
I2PAKFP (TO-281)
AM15572v1
Order codes
VDS @
TJmax
RDS(on)
max
ID
STF9N60M2
650 V
0.78
Ω
5.5 A
STFI9N60M2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STF9N60M2
9N60M2
TO-220FP
Tube
STFI9N60M2
I2PAKFP
www.st.com


Similar Part No. - STF9N60M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF9N60M2 ISC-STF9N60M2 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF9N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
28-May-2013
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
06-Dec-2013
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
29-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STB33N60M2 STMICROELECTRONICS-STB33N60M2 Datasheet
1Mb / 15P
N-channel 600 V, 0.108 Ω typ., 26 A MDmesh II Plus™ low Qg Power MOSFETs in a D2PAK package
19-Nov-2013
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STF34N65M5 STMICROELECTRONICS-STF34N65M5_V01 Datasheet
1Mb / 15P
N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
14-Jan-2014
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com