Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STAP16DPS05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAP16DPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAP16DPS05 Datasheet HTML 2Page - STMicroelectronics STAP16DPS05 Datasheet HTML 3Page - STMicroelectronics STAP16DPS05 Datasheet HTML 4Page - STMicroelectronics STAP16DPS05 Datasheet HTML 5Page - STMicroelectronics STAP16DPS05 Datasheet HTML 6Page - STMicroelectronics STAP16DPS05 Datasheet HTML 7Page - STMicroelectronics STAP16DPS05 Datasheet HTML 8Page - STMicroelectronics STAP16DPS05 Datasheet HTML 9Page - STMicroelectronics STAP16DPS05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Electrical ratings
STAP16DPS05
6/34
DocID024315 Rev 6
2
Electrical ratings
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
.
2.2
Thermal data
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VO
Output voltage
-0.5 to 20
V
IO
Output current
100
mA
VI
Input voltage
-0.4 to VDD
V
IGND
GND terminal current
1600
mA
fCLK
Clock frequency
50
MHz
TOPR
Operating temperature range
-40 to +150
°C
TSTG
Storage temperature range
-55 to +150
°C
Table 5. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction-ambient (1)
1.
According to JEDEC standard 51-7B.
TSSOP24 (2)
exposed pad
2.
The exposed pad should be soldered to the PCB in order to derive the thermal benefits.
37.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com