Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STAP16DPS05 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STAP16DPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STAP16DPS05 Datasheet HTML 4Page - STMicroelectronics STAP16DPS05 Datasheet HTML 5Page - STMicroelectronics STAP16DPS05 Datasheet HTML 6Page - STMicroelectronics STAP16DPS05 Datasheet HTML 7Page - STMicroelectronics STAP16DPS05 Datasheet HTML 8Page - STMicroelectronics STAP16DPS05 Datasheet HTML 9Page - STMicroelectronics STAP16DPS05 Datasheet HTML 10Page - STMicroelectronics STAP16DPS05 Datasheet HTML 11Page - STMicroelectronics STAP16DPS05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Electrical characteristics
STAP16DPS05
8/34
DocID024315 Rev 6
3
Electrical characteristics
VDD = 5V, Tj = -40 °C to 125 °C, unless otherwise specified.
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIH
Input voltage high level
0.7·VDD
VDD
V
VIL
Input voltage
low level
GND
0.3·VDD
VOL
Serial data output voltage
(SDO)
IOL = + 1 mA
0.03
0.4
VOH
IOH = - 1 mA
VDD-0.4
IOH
Output leakage current
Vo =19 V, Outn = OFF
0.5
2
µA
∆I
OL1
Current accuracy channel-
to-channel (1) (2)
VDD = 3.3 V, VO = 0.4 V,
Rext = 980 Ω
±1.5
±5
%
∆I
OL2
VDD = 3.3 V, VO = 1.3 V,
Rext = 200 Ω
±1.2
±4
∆I
OL3
Current accuracy device-to-
device (1)
VDD = 3.3 V, VO = 0.4 V,
Rext = 980 Ω
±6
∆I
OL4
VDD = 3.3 V, VO = 1.3 V,
Rext = 200 Ω
±6
RIN(up)
Pull-up resistor for OE pin
150
300
600
k
Ω
RIN(down)
Pull-down resistor for LE pin
100
200
400
IDD(AutoOff)
Supply current (OFF)
Rext = 980 Ω, OE = low,
OUT0 to OUT7 = OFF
200
300
µA
IDD(OFF1)
Rext = 980 Ω, OE = high,
OUT0 to OUT7 = ON
58
mA
IDD(OFF2)
Rext = 200 Ω, OE = high,
OUT0 to OUT15 = ON
13
20
IDD(ON1)
Supply current (ON)
Rext = 980 Ω, OE = low,
OUT0 to OUT15 = ON
68
IDD(ON2)
Rext = 200 Ω, OE = low,
OUT0 to OUT15 = ON
13
20
Tsd
Thermal shutdown (3)
170
°C
1.
Test performed with all outputs turned on, but only one output loaded at a time.
2.
DIOL+ = ((IOLmax - IOLmean)/ IOLmean)*100, DIOL - = ((IOLmin - IOLmean)/ IOLmean)*100, where IOLmean =
(IOLout1+IOLout2+…+IOLout16) / 16.
3.
Not tested, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com