Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD5377CBGP Datasheet(PDF) 80 Page - STMicroelectronics

Part # VD5377CBGP
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBGP Datasheet(HTML) 80 Page - STMicroelectronics

Back Button VD5377CBGP Datasheet HTML 76Page - STMicroelectronics VD5377CBGP Datasheet HTML 77Page - STMicroelectronics VD5377CBGP Datasheet HTML 78Page - STMicroelectronics VD5377CBGP Datasheet HTML 79Page - STMicroelectronics VD5377CBGP Datasheet HTML 80Page - STMicroelectronics VD5377CBGP Datasheet HTML 81Page - STMicroelectronics VD5377CBGP Datasheet HTML 82Page - STMicroelectronics VD5377CBGP Datasheet HTML 83Page - STMicroelectronics VD5377CBGP Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
I2C register map
VD5377
80/88
Doc ID 022952 Rev 2
7c
DEVADDR
i2cs_index_auto_inc_
en
0
PRW
01
Auto Increment function
i2cs_dev_addr
7:1
PRW
53
I2C device address
80
FW_TOP_REVISION ucFwTopRevision
7:0
RW
20
System level firmware revision
81
PERSONAL_
CONFIG
ucPersonalConfig
7:0
RW
00
Result of the I2C_SEL[20] pad
decoding done at start-up.
0 = I2C device address = 0xA6
+ config 0
1 = I2C device address = 0xA6
(reserved)
2 = I2C device address = 0xC6
+ config 2
3 = I2C device address = 0xD6
+ config 3
4 = I2C device address = 0xE6
+ config 4
5 = I2C device address = 0x36
+ config 5
6 = I2C device address = 0x46
+ config 6
7 = I2C device address = 0x20
+ config 7
82
POWER_MODE_
CONTROL
reserved
1:0
00
Do not modify these bits.
ucNbSleepState
5:4
RW
03
In AUTOMATIC power mode,
number of sleep states.
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com