Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD5377CBGP Datasheet(PDF) 83 Page - STMicroelectronics

Part # VD5377CBGP
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBGP Datasheet(HTML) 83 Page - STMicroelectronics

Back Button VD5377CBGP Datasheet HTML 79Page - STMicroelectronics VD5377CBGP Datasheet HTML 80Page - STMicroelectronics VD5377CBGP Datasheet HTML 81Page - STMicroelectronics VD5377CBGP Datasheet HTML 82Page - STMicroelectronics VD5377CBGP Datasheet HTML 83Page - STMicroelectronics VD5377CBGP Datasheet HTML 84Page - STMicroelectronics VD5377CBGP Datasheet HTML 85Page - STMicroelectronics VD5377CBGP Datasheet HTML 86Page - STMicroelectronics VD5377CBGP Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
Doc ID 022952 Rev 2
83/88
VD5377
I2C register map
8c
AUTO_SLEEP3_
LATENCY
ucSleep3Latency
7:0
RW
0b
Maximum latency to wake up
the system in SLEEP3 state.
Corresponds to the time
between two wake-up periods
(a wake-up period corresponds
to a single frame motion
detection processing).
0 = 400 us
1 = 1 ms
2 = 1.4 ms
3 = 2 ms
4 = 4 ms
5 = 10 ms
6 = 20 ms
7 = 50 ms
8 = 100 ms
9 = 150 ms
10 = 200 ms
11 = 500 ms
12 = 1 s
13 = 1.5 s
14 = 2 s
15 = 2.6 s
8d
AUTO_MOVEMENT_
CTRL1
bAutoMoveFilterEnab
le
0RW
00
Auto movement filter enable
0 = Disable
1 = Enable
ucAutoMoveFilterFra
meNb
6:1
RW
07
Number of frames on which the
auto movement filter is applied
(must be greater than 1).
bAutoMoveSaturated
Expo
7RW
00
When image in high light and
exposure (reg 0x47) is set to 1,
flag used by engine to discard
motion in this condition.
0 = Disable
1 = Enable
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com