Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE727C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE727C
Description  600KHz, 16V, 2A Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE727C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE727C
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
4
DETAILED DESCRIPTION
Internal Regulator
The ACE727C is a current mode step down DC/DC converter that provides excellent transient response
with no extra external compensation components. This device contains an internal, low resistance, high
voltage power MOSFET, and operates at a high 600K operating frequency to ensure a compact, high
efficiency design with excellent AC and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a
current proportional to the difference between the two. This output current is then used to charge or
discharge the internal compensation network to form the COMP voltage, which is used to control the
power MOSFET current. The optimized internal compensation network minimizes the external component
counts and simplifies the control loop design.
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup.
When the chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to 0.6V.
When it is lower than the internal reference (REF), SS overrides REF so the error amplifier uses SS as
the reference. When SS is higher than REF, REF regains control. The SS time is internally fixed to 1ms.
Over-Current-Protection and Hiccup
The ACE727C has cycle-by-cycle over current limit when the inductor current peak value exceeds the
set current limit threshold. Meanwhile, output voltage starts to drop until FB is below the Under-Voltage
(UV) threshold, typically 30% below the reference. Once a UV is triggered, the ACE727C enters hiccup
mode to periodically restart the part. This protection mode is especially useful when the output is
dead-short to ground. The average short circuit current is greatly reduced to alleviate the thermal issue
and to protect the regulator. The ACE727C exits the hiccup mode once the over current condition is
removed.
Startup and Shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block
starts first, generating stable reference voltage and currents, and then the internal regulator is enabled.
The regulator provides stable supply for the remaining circuitries. Three events can shut down the chip:
EN low, VIN low and thermal shutdown. In the shutdown procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com