Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE727C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE727C
Description  600KHz, 16V, 2A Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE727C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE727C
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
1
Description
The ACE727C is a fully integrated, high– efficiency 2A synchronous rectified step-down converter. The
ACE727C operates at high efficiency over a wide output current load range.
This device offers two operation modes, PWM control and PFM Mode switching control, which allows a
high efficiency over the wider range of the load.
The ACE727C requires a minimum number of readily available standard external components and is
available in a 6-pin SOT23 ROHS compliant package.
Features
High Efficiency: Up to 96%
600KHz Frequency Operation
2A Output Current
No Schottky Diode Required
3.5V to 18V Input Voltage Range
0.6V Reference
Slope Compensated Current Mode Control for Excellent Line and Load Transient Response
Integrated internal compensation
Stable with Low ESR Ceramic Output Capacitors
Over Current Protection with Hiccup-Mode
Thermal Shutdown
Inrush Current Limit and Soft Start
Available in SOT23-6
-40°C to +85°C Temperature Range
Application
Distributed Power Systems
Digital Set Top Boxes
Flat Panel Television and Monitors
Wireless and DSL Modems
Notebook Computer
Absolute Maximum Ratings
Parameter
Max
Unit
Supply Voltage VIN
-0.3~20
V
Switch Node Voltage VSW
-0.3~VIN+0.5
V
Boost Voltage VBS
VSW -0.3~VSW+5
V
All other pins
-0.3~6
V
Operating Temperature Range
-40~85
OC
Storage Temperature Range
-65~+150
OC
Lead Temperature (Soldering, 10s)
300
OC


Similar Part No. - ACE727C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE727ZGM+H ACE-ACE727ZGM+H Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE727C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com