Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1236IMLTRT Datasheet(PDF) 56 Page - Semtech Corporation

Part # SX1236IMLTRT
Description  Low Power Bi-Band Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1236IMLTRT Datasheet(HTML) 56 Page - Semtech Corporation

Back Button SX1236IMLTRT Datasheet HTML 52Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 53Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 54Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 55Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 56Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 57Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 58Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 59Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
www.semtech.com
Page 56
SX1236
WIRELESS & SENSING
DATASHEET
Rev. 1. - December 2013
©2013 Semtech Corporation
5.3.2. CLKOUT Output
The reference frequency, or a fraction of it, can be provided on DIO5 (pin 13) by modifying bits ClkOut in RegDioMapping2.
Two typical applications of the CLKOUT output include:
To provide a clock output for a companion processor, thus saving the cost of an additional oscillator. CLKOUT can be
made available in any operation mode except Sleep mode and is automatically enabled at power on reset.
To provide an oscillator reference output. Measurement of the CLKOUT signal enables simple software trimming of the
initial crystal tolerance.
Note
To minimize the current consumption of the SX1236, please ensure that the CLKOUT signal is disabled when not
required.
5.3.3. PLL
The local oscillator of the SX1236 is derived from two almost identical fractional-N PLLs that are referenced to the crystal
oscillator circuit. Both PLLs feature a programmable bandwidth setting where one of four discrete preset bandwidths may
be accessed.
The SX1236 PLL uses a 19-bit sigma-delta modulator whose frequency resolution, constant over the whole frequency
range, is given by:
The carrier frequency is programmed through RegFrf, split across addresses 0x06 to 0x08:
Note
The Frf setting is split across 3 bytes. A change in the center frequency will only be taken into account when the
least significant byte FrfLsb in RegFrfLsb is written. This allows the potential for user generation of m-ary FSK at
very low bit rates. This is possible where frequency modulation is achieved by direct programming of the
programmed RF centre frequency. To enable this functionality set the FastHopOn bit of register RegPllHop.
Three frequency bands are supported, defined as follows:
Table 21 Frequency Bands
5.3.4. RC Oscillator
All timing operations in the low-power Sleep state of the Top Level Sequencer rely on the accuracy of the internal low-
power RC oscillator. This oscillator is automatically calibrated at the device power-up not requiring any user input.
Name
Frequency Limits
Band 1 (HF)
820-1020 MHz
Band 2 (LF)
410-525 MHz
Band 3 (LF)
137-175 MHz
FSTEP
FXOSC
2
19
----------------
=
FRF
FSTEP Frf 23 0
(, )
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com