Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SX1236IMLTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX1236IMLTRT
Description  Low Power Bi-Band Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1236IMLTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX1236IMLTRT Datasheet HTML 9Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 10Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 11Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 12Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 13Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 14Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 15Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 16Page - Semtech Corporation SX1236IMLTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
www.semtech.com
Page 13
SX1236
WIRELESS & SENSING
DATASHEET
Rev. 1. - December 2013
©2013 Semtech Corporation
2.5. Chip Specification
The tables below give the electrical specifications of the transceiver under the following conditions: Supply voltage
VDD=3.3 V, temperature = 25 °C, FXOSC = 32 MHz, FRF = 169/434/868/915 MHz (see specific indication), Pout =
+13dBm, 2-level FSK modulation without pre-filtering, FDA = 5 kHz, Bit Rate = 4.8 kb/s and terminated in a matched 50
Ohm impedance, shared Rx and Tx path matching, unless otherwise specified.
Note
Specification whose symbol is appended with “_LF” corresponds to the performance in Band 2 and/or Band 3, as
described in section 5.3.3. “_HF” refers to the upper Band 1
2.5.1. Power Consumption
Table 3
Power Consumption Specification
2.5.2. Frequency Synthesis
Table 4
Frequency Synthesizer Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
IDDSL
Supply current in Sleep mode
-
0.2
1
uA
IDDIDLE
Supply current in Idle mode
RC oscillator enabled
-
1.5
-
uA
IDDST
Supply current in Standby mode
Crystal oscillator enabled
-
1.6
1.8
mA
IDDFS
Supply current in Synthesizer
mode
FSRx
-
5.8
-
mA
IDDR
Supply current in Receive mode
LnaBoost Off, band 1
LnaBoost On, band 1
Bands 2&3
-
-
-
10.8
11.5
12.0
-
-
-
mA
IDDT
Supply current in Transmit mode
with impedance matching
RFOP = +20 dBm, on PA_BOOST
RFOP = +17 dBm, on PA_BOOST
RFOP = +13 dBm, on RFO_LF/HF pin
RFOP = + 7 dBm, on RFO_LF/HF pin
-
-
-
-
120
87
29
20
-
-
-
-
mA
mA
mA
mA
Symbol
Description
Conditions
Min
Typ
Max
Unit
FR
Synthesizer frequency range
Band 1
Programmable
Band 2
Band 3
137
410
862
-
-
-
175
525
1020
MHz
FXOSC
Crystal oscillator frequency
-
32
-
MHz
TS_OSC
Crystal oscillator wake-up time
-
250
-
us
TS_FS
Frequency synthesizer wake-up
time to PllLock signal
From Standby mode
-
60
-
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com