Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3TC1000 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3TC1000
Description  1.85mm Male to 1.85mm Male Right Angle Precision Cable Using High Flex VNA Test Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1000 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3TC1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/15/2015
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
Typical Performance Data
PE3TC1000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Male Right Angle Precision Cable Using High Flex VNA Test Coax,
RoHS PE3TC1000
RF Cable Assemblies Technical Data Sheet
1.85mm Male to 1.85mm Male Right Angle Precision
Cable Using High Flex VNA Test Coax, RoHS
PE3TC1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com