Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PE3TC1000 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3TC1000
Description  1.85mm Male to 1.85mm Male Right Angle Precision Cable Using High Flex VNA Test Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC1000 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3TC1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3TC1000
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3TC1000-12 = 12 inches long cable
PE3TC1000-100cm = 100 cm long cable
1.85mm Male to 1.85mm Male Right Angle Precision Cable Using High Flex VNA Test Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Male Right Angle Precision Cable Using High Flex VNA Test Coax,
RoHS PE3TC1000
URL: http://www.pasternack.com/1.85mm-male-1.85mm-male-vna-cable-cable-assembly-pe3tc1000-p.aspx
PE3TC1000 REV 1.0
RF Cable Assemblies Technical Data Sheet
1.85mm Male to 1.85mm Male Right Angle Precision
Cable Using High Flex VNA Test Coax, RoHS
PE3TC1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com