Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M21234 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21234
Description  Adaptive Coaxial Cable Equalizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21234 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21234 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
21234-DSH-001-B
Mindspeed Technologies
®
April 2010
Mindspeed Proprietary and Confidential
Features
• SMPTE/DVB-ASI compliant from 143 to 1485 Mbps operation
• CML, LVPECL and LVDS selectable output modes
• Improved distance: cable EQ up to 350m SD and 175m HD
• Low Power (125 mW @ 1.8V, 175 mW @ 2.5V, 230 mW @ 3.3V)
• Extended Temperature range: -10 to 85
°C
Standards Compliance
• SMPTE 259M, SMPTE 292M, SMPTE 344M
The M21234 is a high-speed, low-power, adaptive co-axial cable equalizer designed to increase the maximum low-
jitter transmission distance of serial digital interface (SDI) video signals and DVB-ASI across commonly used
bandwidth-limiting 75Ω coaxial cable. This device automatically optimizes its transfer function based on the bit rate
and cable length to minimize the inter-symbol interference (ISI) jitter caused by the cable as well as remove the DC
offset components introduced with the pathological test pattern and AC coupling in systems.
The M21234 is designed to support SMPTE (292M) at HD data rates as well as SMPTE (259M and 344M) at SD
data rates between 143 Mbps and 540 Mbps.
The low-noise, high-gain equalizer allows for low jitter (output jitter of 0.25 UI pp @ 1.485 Gbps) HD transmissions
up to a typical cable length of 175m (Belden 1694A) and 130m (Belden 8281). For SD data rates, a typical cable
length of 350m (Belden 1694A) and 275m (Belden 8281) at 270 Mbps SD rate (with typical output jitter of 0.20 UI) is
supported.
Functional Block Diagram
THRESH
EQ_BYP
MUTE
CONTROL
CLEN
M21234 Cable Equalizer
SDI
SDO
SDI
OUTPUT
BUFFER
CABLE
LENGTH
INDICATOR
EQUALIZER
CORE
INPUT
BUFFER
0
1
DC
RESTORE
SDO
SD/MUTE
OUTMODE[1:0]
Applications
• SMPTE Coaxial Cable Interface
• Studio video applications
• Broadcast video applications
• Distribution video applications
M21234 (HD/SD-SDI) Adaptive Coaxial Cable Equalizer


Similar Part No. - M21234

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21234-33 MA-COM-M21234-33 Datasheet
535Kb / 18P
Wideband (SD/HD-SDI) Adaptive Co-axial Cable Equalizer
M21234G-33 MA-COM-M21234G-33 Datasheet
535Kb / 18P
Wideband (SD/HD-SDI) Adaptive Co-axial Cable Equalizer
More results

Similar Description - M21234

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com