Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M21234 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M21234
Description  Adaptive Coaxial Cable Equalizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21234 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M21234 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M21234 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Pinout Diagram, Pin Descriptions, and Package Outline Drawing
21234-DSH-001-B
Mindspeed Technologies
®
14
Mindspeed Proprietary and Confidential
SD/MUTE
28
I/O
Bidirectional Signal that can be used as an input control signal
or as an output status indicator.
When configured as an input by forcing a voltage on SD/
MUTE = High (Vdd), the output of the M21234 will be
inhibited at logic low (outputs muted).
When SD/MUTE = Low (Vss), the output is never muted and the
programmable cable length based mute function is disabled.
When configured as an output (tied to a high-impedance
input) or left floating, the programmable inhibit based on
cable length is enabled
Configured as Output:
Low = Vss = Input signal detect
High = Vdd = Loss of signal
Configured as Input:
Low = Vss = Never mute
High = Vdd = Force Mute
-
CLEN
29
Analog
Cable length Indicator output
-
NC
31, 32
N/A
Do not connect to the pin.
N/A
Notes:
Internal pull-up/pull-down is 100 k
Ω
Table 2-3.
Control/Interface Pins
Pin Name
Pin Number(s)
Type
Function
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com