Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6680 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6680
Description  High Efficiency Buck/Boost Charge Pump Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6680 Datasheet HTML 1Page - Sipex Corporation SP6680 Datasheet HTML 2Page - Sipex Corporation SP6680 Datasheet HTML 3Page - Sipex Corporation SP6680 Datasheet HTML 4Page - Sipex Corporation SP6680 Datasheet HTML 5Page - Sipex Corporation SP6680 Datasheet HTML 6Page - Sipex Corporation SP6680 Datasheet HTML 7Page - Sipex Corporation SP6680 Datasheet HTML 8Page - Sipex Corporation SP6680 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
IN.........................................................-0.3V to +7.0V
V
OUT......................................................-0.3V to +7.0V
I
OUT....................................................................100mA
Storage Temperature........................-65˚C to +150˚C
Power Dissipation Per Package
10-pin mSOIC
(derate 8.84mW/OC above +70OC)..................720mW
Junction Temperature........................................125˚C
V
IN = +2.7 to +6.3V, fCLK = 32.768kHz, CIN = 4.7µF (ceramic), CF1 = CF2 = COUT = 2.2µF, (ESR = 0.03 Ω) and TAMB = -40°C to +85°C unless otherwise
noted.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
N
I
5
7
.
26
.
33
.
6V
I
,
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
Q
5
7
0
7
1
0
0
8
0
5
1
0
0
3
0
0
5
1
µA
f
P
M
U
P
f
=
K
L
C
4
/
f
K
L
C
f
=
P
M
U
P
V
N
I
V
2
.
4
=
f
P
M
U
P
f
=
K
L
C
8
x
V
o
t
n
i
t
n
e
r
r
u
C
h
s
u
R
-
n
I
N
I ,
I
H
S
U
R
N
I
0
0
5A
mV
<
V
7
.
2
N
I
1
e
t
o
N
,
V
3
.
6
<
I
,
t
n
e
r
r
u
C
f
f
O
F
F
O
4
.
40
1
µA
V
N
I
C
˚
0
7
+
o
t
C
˚
0
4
-
,
t
n
e
s
e
r
p
t
o
n
k
c
o
l
c
,
V
2
.
4
=
,
y
c
n
e
u
q
e
r
F
k
c
o
l
C
t
u
p
n
I
f
L
CK
8
6
7
.
2
3z
H
k)
y
ll
a
n
r
e
t
x
e
d
e
il
p
p
u
s
(
l
a
n
o
i
t
a
r
e
p
O
f
,
y
c
n
e
u
q
e
r
F
p
m
u
P
P
M
U
P
)
2
e
t
o
N
(
0
8
6
7
.
2
3
2
9
1
.
8
4
1
.
2
6
2
7
.
6
1
z
H
k
f
K
L
C
t
u
p
n
i
o
n
t
n
e
s
e
r
p
t
n
e
s
e
r
p
t
n
e
s
e
r
p
h
g
i
h
t
u
p
n
i
n
i
p
4
/
C
X
w
o
l
h
g
i
h
X
w
o
l
t
u
p
n
i
n
i
p
8
x
C
X
w
o
l
w
o
l
h
g
i
h
w
o
l
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
V
L
I
V
H
I
3
.
1
4
.
0V
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
t
n
e
r
r
u
C
t
u
p
n
I
I
)
w
o
l
(
N
I
I
)
h
g
i
h
(
N
I
1
.
0
0
.
1
0
1
0
1
µA
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
f
=
s
t
u
p
n
i
l
a
t
i
g
i
D
K
L
C
f
,
K
L
C
f
,
4
/
K
L
C
8
x
,
e
g
a
t
l
o
V
n
o
i
t
i
s
n
a
r
T
e
d
o
M
V
,
2
X
o
t
5
.
1
X
N
I
g
n
il
l
a
f
5
5
.
3
5
5
.
3
0
7
.
3
0
7
.
3
5
8
.
3
5
8
.
3
V
f
=
p
m
u
p
f
K
L
C
I
,
4
/
D
A
O
L
A
m
1
=
f
p
m
u
p
f
,
,
K
L
C
I
D
A
O
L
A
m
5
=
e
d
o
M
r
o
f
s
i
s
e
r
e
t
s
y
H
e
g
a
t
l
o
V
n
o
i
t
i
s
n
a
r
T
0
5p
p
V
mV
N
I
V
o
t
g
n
i
s
i
r
N
I
g
n
il
l
a
f
:
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
t
n
e
i
s
n
a
r
T
m
u
m
i
x
a
M
e
d
u
t
il
p
m
A5
.
1
5
.
1
5
.
1
%
I
D
A
O
L
0
0
1
µ
A
m
2
o
t
A
A
m
0
2
o
t
A
m
2
A
m
0
6
o
t
A
m
0
2
∆t
5µs
5µs
5µs
f
P
M
U
P
z
H
k
2
9
1
.
8
z
H
k
8
6
7
.
2
3
z
H
k
4
1
.
2
6
2
ELECTRICAL CHARA CTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com