Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6680 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6680
Description  High Efficiency Buck/Boost Charge Pump Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6680 Datasheet HTML 1Page - Sipex Corporation SP6680 Datasheet HTML 2Page - Sipex Corporation SP6680 Datasheet HTML 3Page - Sipex Corporation SP6680 Datasheet HTML 4Page - Sipex Corporation SP6680 Datasheet HTML 5Page - Sipex Corporation SP6680 Datasheet HTML 6Page - Sipex Corporation SP6680 Datasheet HTML 7Page - Sipex Corporation SP6680 Datasheet HTML 8Page - Sipex Corporation SP6680 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
V
IN = +2.7 to +6.3V, fCLK = 32.768kHz, CIN = 4.7µF (ceramic), CF1 = CF2 = COUT = 2.2µF, and TAMB = -40°C to +85°C unless otherwise noted.
Note 1: f
CLK applied 10ms after VIN is present.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
R
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
T
U
O
0
6
0
2
5
.
2
1
0
3
V
N
I
V
5
8
.
3
V
5
8
.
3
V
5
8
.
3
I
D
A
O
L
A
m
2
A
m
0
1
A
m
0
4
f
P
M
U
P
z
H
k
2
9
1
.
8
z
H
k
8
6
7
.
2
3
z
H
k
4
1
.
2
6
2
e
d
o
m
2
X
2
X
2
X
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
e
g
a
r
e
v
A
T
U
O
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
1
.
5
8
.
5
8
.
5
6
.
5
6
.
5
8
.
5
8
.
5
5
.
5
6
.
5
6
.
5
8
.
5
3
.
5
8
.
5
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
3
.
6
V
V
N
I
V
0
.
3
V
5
5
.
3
V
5
8
.
3
V
3
.
6
V
0
.
3
V
5
5
.
3
V
5
8
.
3
V
3
.
6
V
0
.
3
V
5
5
.
3
V
5
8
.
3
V
3
.
6
I
D
A
O
L
A
m
2
A
m
2
A
m
2
A
m
2
A
m
0
1
A
m
0
1
A
m
0
1
A
m
0
1
A
m
0
4
A
m
0
4
A
m
0
4
A
m
0
4
f
P
M
U
P
z
H
k
2
9
1
.
8
z
H
k
2
9
1
.
8
z
H
k
2
9
1
.
8
z
H
k
2
9
1
.
8
z
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3
z
H
k
4
1
.
2
6
2
z
H
k
4
1
.
2
6
2
z
H
k
4
1
.
2
6
2
z
H
k
4
1
.
2
6
2
e
d
o
m
2
X
2
X
5
.
1
X
5
.
1
X
2
X
2
X
5
.
1
X
5
.
1
X
2
X
2
X
5
.
1
X
5
.
1
X
P
,
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P
F
F
E
3
9
0
8
2
9
4
5
6
9
0
8
2
9
7
5
2
9
1
8
1
9
0
6
%
V
N
I
V
0
.
3
V
5
5
.
3
V
5
8
.
3
V
3
.
6
V
0
.
3
V
5
5
.
3
V
5
8
.
3
V
3
.
6
V
0
.
3
V
5
5
.
3
V
5
8
.
3
V
3
.
6
I
D
A
O
L
A
m
2
A
m
2
A
m
2
A
m
2
A
m
0
1
A
m
0
1
A
m
0
1
A
m
0
1
A
m
0
4
A
m
0
4
A
m
0
4
A
m
0
4
f
P
M
U
P
z
H
k
2
9
1
.
8
z
H
k
2
9
1
.
8
z
H
k
2
9
1
.
8
z
H
k
2
9
1
.
8
z
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3
z
H
k
8
6
7
.
2
3
z
H
k
4
1
.
2
6
2
z
H
k
4
1
.
2
6
2
z
H
k
4
1
.
2
6
2
z
H
k
4
1
.
2
6
2
e
d
o
m
2
X
2
X
5
.
1
X
5
.
1
X
2
X
2
X
5
.
1
X
5
.
1
X
2
X
2
X
5
.
1
X
5
.
1
X
ELECTRICAL CHARA CTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com