Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z1K221-RK-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # Z1K221-RK-10
Description  FERRITE CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1K221-RK-10 Datasheet(HTML) 4 Page - Superworld Electronics

  Z1K221-RK-10 Datasheet HTML 1Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 2Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 3Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 4Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 5Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 6Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
8. SOLDERING AND MOUNTING :
8-1. Recommended PC Board Pattern
1.50
0.40
19.01.2015
FERRITE CHIP BEADS
Z1 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
8-2.2 Soldering Iron :
8-2.1 Lead Free Solder Re-flow :
cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
Mildly activated rosin fluxes are preferred. The terminations are suitable for re-flow soldering systems. If hand soldering
Recommended temperature profiles for lead free re-flow soldering in Figure 1. (Refered to J-STD-020C)
Products attachment with a soldering iron is discouraged due to the inherent process control limitations. If a
a) Preheat circuit and products to 150° C.
b) 350° C tip temperature for Ferrite chip bead (max)
c) Never contact the ceramic with the iron tip
soldering iron must be employed the following precautions are recommended. for Iron Soldering in Figure 2.
Note :
8-2. Soldering
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4-5 secs.
d) 1.0mm tip diameter (max)
mechanical stress when warping the board.
PC board should be designed so that products can prevent damage from
Preheating
TP(260° C/40s max.)
60~180s
4 80s max.
Figure 1. Re-flow Soldering:3 times max
150
25
200
217
Time(sec.)
Within4 ~5s
G rad ual
Cooling
O ve r 60s.
Figure 2. Wave Soldering:1 times max
cooling
60~150s
20~40s
Soldering
Natural
cooling
150
350
Preheating
Soldering
Natural
Re-flow soldering temperatures below 240 degrees, there will be non-wetting risk
If wave soldering is used ,there will be some risk.
Note.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com