Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

Z1K221-RK-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # Z1K221-RK-10
Description  FERRITE CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1K221-RK-10 Datasheet(HTML) 1 Page - Superworld Electronics

  Z1K221-RK-10 Datasheet HTML 1Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 2Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 3Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 4Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 5Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 6Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
(a) (c)
(b)
(f)
(e)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Material code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Body : Ferrite
(b) Termination : Ag/Ni/Sn
a
3. SCHEMATIC :
(e) R : Reel
(f) Current : M = 2500mA
5. GENERAL SPECIFICATION :
PG. 1
Unit:m/m
b
Ag(100%)
Ni(100%)-1.5um(min.)
Sn(100%)-3.0um(min.)
(d)
(g)
(d) Impedance code : 100 = 10.0Ω
FERRITE CHIP BEADS
19.01.2015
Z1 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Z 1 K 1 0 0 - R M - □□
a) Operating temp. : -40° C to +125° C ( including self-temperature. rise )
Recommended PC Board Pattern
D
A
B
L
G
b) Storage condition (component in its packaging)
i) Temperature : -10 to 40° C
ii) Humidity : 60%
0.50± 0.10
BD
0.40 Ref.
0.55 Ref.
1.50 Ref.
GH
L
1.00± 0.10
AC
0.50± 0.10 0.25± 0.10
(g) 10: Standard
11 ~ 99 : Internal control number


Similar Part No. - Z1K221-RK-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z1K221-RK-10 SUPERWORLD-Z1K221-RK-10 Datasheet
399Kb / 9P
FERRITE CHIP BEADS
Z1K221-RK-10 SUPERWORLD-Z1K221-RK-10 Datasheet
256Kb / 5P
Ferrite Chip Bead ??Z1 Large Current Application Series
More results

Similar Description - Z1K221-RK-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
Ferrite Chip Beads
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
FERRITE CHIP BEADS
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
Chip Ferrite Beads
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com