Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJR4262J Datasheet(PDF) 3 Page - New Japan Radio

Part # NJR4262J
Description  K-Band Doppler Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJR4262J Datasheet(HTML) 3 Page - New Japan Radio

  NJR4262J Datasheet HTML 1Page - New Japan Radio NJR4262J Datasheet HTML 2Page - New Japan Radio NJR4262J Datasheet HTML 3Page - New Japan Radio NJR4262J Datasheet HTML 4Page - New Japan Radio NJR4262J Datasheet HTML 5Page - New Japan Radio NJR4262J Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
* Above Specifications are subject to change without notice.
3
Rev.00-02_Feb.27,2013_ NJR4262
20
10
0
-10
-20
90
60
30
0
-30
-60
-90
(dBm)
Angle(deg.)
20
10
0
-10
-20
90
60
30
0
-30
-60
-90
(dBm)
Angle(deg.)
Category: K-Band Doppler Sensor Module
Type Name: NJR4262
Description:
Motion detector using microwave doppler effect
Miniaturized RF circuit with MMIC technology
High accurate I-Q mixer
Specification:
1. Electric Characteristics (Common measure condition Ta= +25 deg.C)
Item
Specification
Unit
Condition / Note
Min.
Typ.
Max.
1.1 Operation voltage
3.3
-
5.5
V
1.2 Operation current
-
45
55
mA
1.3 Operation frequency
24.05
-
24.25
GHz
1.4 E.I.R.P.
-
+16
(40)
+20
(100)
dBm
(mW)
1.5 Frequency Stability
-1
-
0
MHz/deg.C Ta= -20 to +60 deg.C
1.6 Start-up time
-
4
6
msec
1.7 2nd Harmonics (E.I.R.P.)
-
-
-30
dBm
1.8 Radiation pattern
-
-
-
-
See Fig.1: Typical
Radiation Pattern.
1.8.1 –3dB beam width (H-plane)
-
70
-
deg.
1.8.2 –3dB beam width (V-plane)
-
28
-
deg.
1.8.3 Side lobe suppression
(H-plane)
-
-
-
dB
No side lobe
1.8.4 Side lobe suppression
(V-plane)
-
13
-
dB
1.9 Noise Voltage
-
-
400
mV
Upon amplified with
85dB Gain amp.
Band width: 10 to 300Hz
1.10 Signal level
0.5
0.8
-
Vp-p
Refer to Fig.2 : Signal Test
System
1.11 Offset voltage
1.1
1.35
1.6
V
1.12 I-Q Amplitude Balance
-3
-
+3
dB
1.13 I-Q Phase Balance
85
-
95
deg.
Fig.1: Typical Radiation Pattern
H-Plane
H-plane
70 deg. (±35 deg.)
V-plane
28 deg. (±14 deg.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com