Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NJR4262J Datasheet(PDF) 4 Page - New Japan Radio

Part # NJR4262J
Description  K-Band Doppler Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJR4262J Datasheet(HTML) 4 Page - New Japan Radio

  NJR4262J Datasheet HTML 1Page - New Japan Radio NJR4262J Datasheet HTML 2Page - New Japan Radio NJR4262J Datasheet HTML 3Page - New Japan Radio NJR4262J Datasheet HTML 4Page - New Japan Radio NJR4262J Datasheet HTML 5Page - New Japan Radio NJR4262J Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
* Above Specifications are subject to change without notice.
4
Rev.00-02_Feb.27,2013_ NJR4262
2. Mechanical characteristics
Item
Specification
2.1 Size
25(W) x 25(D) x 7.3(H) mm
Tolerance: ±0.5 mm
2.2 Weight
7 g max.
2.3 Interface / Pin assignment
Pin Size: 0.64 mm square
Pin Pitch: 2.54 mm
Recommended via hole diameter: 1.2 ± 0.05 mm
3. Environmental characteristics
Item
Specification
3.1 Operation Temperature
-20 to +60 deg.C
3.2 Storage Temperature
-40 to +80 deg.C
3.3 Humidity
0 to 95 % @ +30 deg.C
3.4 Vibration
49.03 m/s2 (5 G)
30 to 50 Hz, 10 minutes, XYZ direction
3.5 Shock
196.13 m/s2 (20 G)
Half sine, 11 msec, XYZ direction, 3 times
4. Absolute Maximum Rating
Item
Specification
Unit
Condition / Note
Min.
Typ.
Max.
4.1 Supply voltage
0
-
7
V
4.2 Operation Temperature
-40
-
+85
deg.C
No damage
4.3 Storage Temperature
-40
-
+85
deg.C
Pin
Description
IF-I
Doppler signal output(I).
Output impedance:1.5kohm
GND
GND
IF-Q
Doppler signal output(Q).
Output impedance:1.5kohm
VCC
Voltage supply.
NC
No connection.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com