Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

96L02 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 96L02
Description  Dual Retriggerable Resettable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

96L02 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  96L02 Datasheet HTML 1Page - National Semiconductor (TI) 96L02 Datasheet HTML 2Page - National Semiconductor (TI) 96L02 Datasheet HTML 3Page - National Semiconductor (TI) 96L02 Datasheet HTML 4Page - National Semiconductor (TI) 96L02 Datasheet HTML 5Page - National Semiconductor (TI) 96L02 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operation Notes (Continued)
TLF10203 – 5
Input to Pin 4 (12)
Pins 5 (11) and 3 (13) e H
6 RESET OPERATIONA LOW signal on CD pin 3 (13)
will terminate an output pulse causing Q to go LOW and
Q to go HIGH As long as CD is held LOW a delay period
cannot be initiated nor will attempted triggering cause
spikes at the outputs A reset pulse duration in the LOW
state of 25 ns is sufficient to insure resetting If the reset
input goes LOW at the same time that a trigger transition
occurs the reset will dominate and the outputs will not
respond to the trigger If the reset input goes HIGH coinci-
dent with a trigger transition the circuit will respond to the
trigger
96L02 Pulse Width vs RX and CX
TLF10203 – 6
FIGURE a
Typical Characteristics
tw vs VCC
tw(min) vs TA
tw vs TA
TLF10203 – 7
INPUT PULSE
f j 25 kHz
Amp j 30V
Width j 100 ns
tr e tf s 10 ns
TLF10203 – 8
FIGURE b
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com