Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

96L02 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 96L02
Description  Dual Retriggerable Resettable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

96L02 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  96L02 Datasheet HTML 1Page - National Semiconductor (TI) 96L02 Datasheet HTML 2Page - National Semiconductor (TI) 96L02 Datasheet HTML 3Page - National Semiconductor (TI) 96L02 Datasheet HTML 4Page - National Semiconductor (TI) 96L02 Datasheet HTML 5Page - National Semiconductor (TI) 96L02 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10203
March 1992
96L02DM96L02
Dual Retriggerable Resettable
Monostable Multivibrator
General Description
The 96L02 is a dual TTL monostable multivibrator with trig-
ger mode selection reset capability rapid recovery inter-
nally compensated reference levels and high speed capabil-
ity Output pulse duration and accuracy depend on external
timing components and are therefore under user control for
each application It is well suited for a broad variety of appli-
cations including pulse delay generators square wave gen-
erators long delay timers pulse absence detectors fre-
quency detectors clock pulse generators and fixed-frequen-
cy dividers Each input is provided with a clamp diode to
limit undershoot and minimize ringing induced by fast fall
times acting on system wiring impedances
Features
Y
Retriggerable 0% to 100% duty cycle
Y
DC level triggering insensitive to transition times
Y
Leading or trailing-edge triggering
Y
Complementary outputs with active pull-ups
Y
Pulse width compensation for DVCC and DTA
Y
50 ns to % output pulse width range
Y
Optional retrigger lock-out capability
Y
Resettable for interrupt operations
Connection Diagram
Dual-In-Line Package
TLF10203 – 1
Order Number 96L02DMQB
96L02FMQB or DM96L02N
See NS Package Number J16A N16E or W16A
Logic Symbol
TLF10203 – 2
VCC e Pin 16
GND e Pin 8
Pin Names
Description
I0
Trigger Input (Active Falling Edge)
I1
Trigger Input (Active Rising Edge)
CD
Direct Clear Input (Active LOW)
Q
Positive Pulse Output
Q
Complementary Pulse Output
CX
External Capacitor Connection
RX
External Resistor Connection
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 96L02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
96LCDK19 ADVANTECH-96LCDK19 Datasheet
333Kb / 2P
19 Open Frame Gaming Monitor
24-Apr-2013
96LCDK19-1 ADVANTECH-96LCDK19-1_13 Datasheet
333Kb / 2P
19" Open Frame Gaming Monitor
96LCDK23 ADVANTECH-96LCDK23 Datasheet
493Kb / 2P
23 Open Frame Gaming Monitor
30-Apr-2013
96LCDK23-1 ADVANTECH-96LCDK23-1_13 Datasheet
493Kb / 2P
23" Open Frame Gaming Monitor
96LEDK-A070WV35NB1 ADVANTECH-96LEDK-A070WV35NB1 Datasheet
64Kb / 1P
7 WVGA, LVDS, 350nits, 130/110,-20/70, LED, 30K
More results

Similar Description - 96L02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
Dual Retriggerable Resettable Monostable Multivibrator
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
Dual Retriggerable Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com