Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08161 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08161
Description  500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08161 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08161 Datasheet HTML 1Page - National Semiconductor (TI) ADC08161 Datasheet HTML 2Page - National Semiconductor (TI) ADC08161 Datasheet HTML 3Page - National Semiconductor (TI) ADC08161 Datasheet HTML 4Page - National Semiconductor (TI) ADC08161 Datasheet HTML 5Page - National Semiconductor (TI) ADC08161 Datasheet HTML 6Page - National Semiconductor (TI) ADC08161 Datasheet HTML 7Page - National Semiconductor (TI) ADC08161 Datasheet HTML 8Page - National Semiconductor (TI) ADC08161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ADC08161
500 ns A/D Converter with S/H Function and
2.5V Bandgap Reference
General Description
Using a patented multi-step A/D conversion technique, the
8-bit ADC08161 CMOS A/D converter offers 500 ns conver-
sion time, internal sample-and-hold (S/H), a 2.5V bandgap
reference, and dissipates only 100 mW of power. The
ADC08161 performs an 8-bit conversion with a 2-bit voltage
estimator that generates the 2 MSBs and two low-resolution
(3-bit) flashes that generate the 6 LBSs.
Input signals are tracked and held by the input sampling cir-
cuitry, eliminating the need for an external sample-and-hold.
The ADC08161 can perform accurate conversions of
full-scale input signals at frequencies from DC to typically
more than 300 kHz (full power bandwidth) without the need
of an external sample-and-hold (S/H).
For ease of interface to microprocessors, this part has been
designed to appear as a memory location or I/O port without
the need for external interfacing logic.
Key Specifications
n Resolution
8 Bits
n Conversion time (tCONV)
560 ns max (WR-RD Mode)
n Full power bandwidth
300 kHz (typ)
n Throughput rate
1.5 MHz min
n Power dissipation
100 mW max
n Total unadjusted error
±12 LSB and ±1 LSB max
Features
n No external clock required
n Analog input voltage range from GND to V
+
n 2.5V bandgap reference
Applications
n Mobile telecommunications
n Hard-disk drives
n Instrumentation
n High-speed data acquisition systems
Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011149-1
June 1999
© 1999 National Semiconductor Corporation
DS011149
www.national.com


Similar Part No. - ADC08161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
344Kb / 14P
8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI-ADC0816 Datasheet
510Kb / 18P
ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816 Datasheet
541Kb / 19P
ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816 Datasheet
539Kb / 18P
8-Bit Compatible A/D Converters with16-Channel Multiplexer
More results

Similar Description - ADC08161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08061 NSC-ADC08061 Datasheet
307Kb / 16P
500 ns A/D Converter with S/H Function and Input Multiplexer
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
5V Bandgap Reference
logo
Maxim Integrated Produc...
MAX138 MAXIM-MAX138 Datasheet
472Kb / 8P
3쩍Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter
19-0805; Rev 1; 12/94
logo
Linear Technology
LT1029 LINER-LT1029_02 Datasheet
71Kb / 4P
5V Bandgap Reference
logo
Analog Microelectronics
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
logo
National Semiconductor ...
ADC08061 NSC-ADC08061_09 Datasheet
514Kb / 16P
500 ns A/D Converter with S/H Function and Input Multiplexer
logo
Linear Technology
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
5V Bandgap Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
Internal Bandgap Reference
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com