Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC08161 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08161
Description  500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08161 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC08161 Datasheet HTML 1Page - National Semiconductor (TI) ADC08161 Datasheet HTML 2Page - National Semiconductor (TI) ADC08161 Datasheet HTML 3Page - National Semiconductor (TI) ADC08161 Datasheet HTML 4Page - National Semiconductor (TI) ADC08161 Datasheet HTML 5Page - National Semiconductor (TI) ADC08161 Datasheet HTML 6Page - National Semiconductor (TI) ADC08161 Datasheet HTML 7Page - National Semiconductor (TI) ADC08161 Datasheet HTML 8Page - National Semiconductor (TI) ADC08161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagram
Ordering Information
Industrial (−40˚C
≤ T
A ≤ 85˚C)
Package
ADC08161CIWM
M20B
Pin Description
V
IN
This is the analog input. The input range is
GND–50 mV
≤ V
INPUT ≤ V
+ +50mV.
DB0–DB7
TRI-STATE data outputs — bit 0 (LSB)
through bit 7 (MSB).
WR /RDY
WR-RD Mode (Logic high applied to
MODE pin)
WR: With CS low, the conversion is
started on the rising edge of WR. The digi-
tal result will be strobed into the output
latch at the end of conversion (
Figures 2,
3, 4).
RD Mode (Logic low applied to MODE
pin)
RDY: This is an open drain output (no in-
ternal pull-up device). RDY will go low af-
ter the falling edge of CS and returns high
at the end of conversion.
MODE
Mode: Mode (RD or WR-RD ) selection
input– This pin is pulled to a logic low
through an internal 50 µA current sink
when left unconnected.
RD Mode is selected if the MODE pin is
left unconnected or externally forced low.
A complete conversion is accomplished by
pulling RD low until output data appears.
WR-RD Mode is selected when a high is
applied to the MODE pin. A conversion
starts with the WR signal’s rising edge and
then using RD to access the data.
RD
WR-RD Mode (logic high on the MODE
pin)
This is the active low Read input. With a
logic low applied to the CS pin, the
TRI-STATE data outputs (DB0–DB7) will
be activated when RD goes low (
Figures
2, 3, 4).
RD Mode (logic low on the MODE pin)
With CS low, a conversion starts on the
falling edge of RD. Output data appears
on DB0–DB7 at the end of conversion
(
Figures 1, 5).
INT
This is an active low output that indicates
that a conversion is complete and the data
is in the output latch. INT is reset by the
rising edge of RD.
GND
This is the power supply ground pin. The
ground pin should be connected to a
“clean” ground reference point.
V
REF−,VREF+
These are the reference voltage inputs.
They may be placed at any voltage be-
tween GND − 50 mV and V
+ +50mV, but
V
REF+ must be greater than VREF−. Ideally,
an input voltage equal to V
REF− produces
an output code of 0, and an input voltage
greater than V
REF+ − 1.5 LSB produces an
output code of 255.
For the ADC08161 an input voltage that
exceeds V
+ by more than 100 mV or is be-
low GND by more than 100 mV will create
conversion errors.
CS
This is the active low Chip Select input. A
logic low signal applied to this input pin en-
ables the RD and WR inputs. Internally,
the CS signal is ORed with RD and WR
signals.
OFL
Overflow Output. If the analog input is
higher than V
REF+, OFL will be low at the
end of conversion. It can be used when
cascading two ADC08161s to achieve
higher resolution (9 bits). This output is al-
ways
active
and
does
not
go
into
TRI-STATE as DB0–DB7 do. When OFL
is set, all data outputs remain high when
the ADC08061’s output data is read.
V
+
Positive power supply voltage input. Nomi-
nal operating supply voltage is +5V. The
supply pin should be bypassed with a
10 µF bead tantalum in parallel with a 0.1
ceramic capacitor. Lead length should be
as short as possible.
V
REFOUT
The internal bandgap reference’s 2.5V
output is available on this pin. Use a
220 µF bypass capacitor between this pin
and analog ground.
Wide-Body Small-Outline Package
DS011149-14
See NS Package Number M20B
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com